Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 249 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 249 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 245Page - ATMEL Corporation AT90PWM2 Datasheet HTML 246Page - ATMEL Corporation AT90PWM2 Datasheet HTML 247Page - ATMEL Corporation AT90PWM2 Datasheet HTML 248Page - ATMEL Corporation AT90PWM2 Datasheet HTML 249Page - ATMEL Corporation AT90PWM2 Datasheet HTML 250Page - ATMEL Corporation AT90PWM2 Datasheet HTML 251Page - ATMEL Corporation AT90PWM2 Datasheet HTML 252Page - ATMEL Corporation AT90PWM2 Datasheet HTML 253Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 365 page
background image
249
AT90PWM2/3
4317B–AVR–02/05
If Auto Triggering is used, the exact time of the triggering event can be indeterministic.
Special care must be taken when updating the ADMUX Register, in order to control
which conversion will be affected by the new settings.
If both ADATE and ADEN is written to one, an interrupt event can occur at any time. If
the ADMUX Register is changed in this period, the user cannot tell if the next conversion
is based on the old or the new settings. ADMUX can be safely updated in the following
ways:
1.
When ADATE or ADEN is cleared.
2.
During conversion, minimum one ADC clock cycle after the trigger event.
3.
After a conversion, before the interrupt flag used as trigger source is cleared.
When updating ADMUX in one of these conditions, the new settings will affect the next
ADC conversion.
In order to start a conversion on an amplified channel, there is a dedicated ADASCR bit
in ADCSRB register which wait for the next amplifier trigger event before really starting
the conversion by an hardware setting of the ADSC bit in ADCSRA register.
ADC Input Channels
When changing channel selections, the user should observe the following guidelines to
ensure that the correct channel is selected:
•
In Single Conversion mode, always select the channel before starting the
conversion. The channel selection may be changed one ADC clock cycle after
writing one to ADSC. However, the simplest method is to wait for the conversion to
complete before changing the channel selection.
•
In Free Running mode, always select the channel before starting the first
conversion. The channel selection may be changed one ADC clock cycle after
writing one to ADSC. However, the simplest method is to wait for the first conversion
to complete, and then change the channel selection. Since the next conversion has
already started automatically, the next result will reflect the previous channel
selection. Subsequent conversions will reflect the new channel selection.
•
In Free Running mode, because the amplifier clear the ADSC bit at the end of an
amplified conversion, it is not possible to use the free running mode, unless ADSC
bit is set again by soft at the end of each conversion.
ADC Voltage Reference
The reference voltage for the ADC (V
REF) indicates the conversion range for the ADC.
Single ended channels that exceed V
REF will result in codes close to 0x3FF. VREF can be
selected as either AV
CC, internal 2.56V reference, or external AREF pin.
AV
CC is connected to the ADC through a passive switch. The internal 2.56V reference is
generated from the internal bandgap reference (V
BG) through an internal amplifier. In
either case, the external AREF pin is directly connected to the ADC, and the reference
voltage can be made more immune to noise by connecting a capacitor between the
AREF pin and ground. V
REF can also be measured at the AREF pin with a high impedant
voltmeter. Note that V
REF is a high impedant source, and only a capacitive load should
be connected in a system.
If the user has a fixed voltage source connected to the AREF pin, the user may not use
the other reference voltage options in the application, as they will be shorted to the
external voltage. If no external voltage is applied to the AREF pin, the user may switch
between AV
CC and 2.56V as reference selection. The first ADC conversion result after
switching reference voltage source may be inaccurate, and the user is advised to dis-
card this result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com