Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 282 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 282 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 278Page - ATMEL Corporation AT90PWM2 Datasheet HTML 279Page - ATMEL Corporation AT90PWM2 Datasheet HTML 280Page - ATMEL Corporation AT90PWM2 Datasheet HTML 281Page - ATMEL Corporation AT90PWM2 Datasheet HTML 282Page - ATMEL Corporation AT90PWM2 Datasheet HTML 283Page - ATMEL Corporation AT90PWM2 Datasheet HTML 284Page - ATMEL Corporation AT90PWM2 Datasheet HTML 285Page - ATMEL Corporation AT90PWM2 Datasheet HTML 286Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 365 page
background image
282
AT90PWM2/3
4317B–AVR–02/05
Setting the Boot Loader Lock
Bits by SPM
To set the Boot Loader Lock bits, write the desired data to R0, write “X0001001” to
SPMCSR and execute SPM within four clock cycles after writing SPMCSR. The only
accessible Lock bits are the Boot Lock bits that may prevent the Application and Boot
Loader section from any software update by the MCU.
See Table 110 and Table 111 for how the different settings of the Boot Loader bits affect
the Flash access.
If bits 5..2 in R0 are cleared (zero), the corresponding Boot Lock bit will be programmed
if an SPM instruction is executed within four cycles after BLBSET and SELFPRGEN are
set in SPMCSR. The Z-pointer is don’t care during this operation, but for future compat-
ibility it is recommended to load the Z-pointer with 0x0001 (same as used for reading the
lO
ck bits). For future compatibility it is also recommended to set bits 7, 6, 1, and 0 in R0
to “1” when writing the Lock bits. When programming the Lock bits the entire Flash can
be read during the operation.
EEPROM Write Prevents
Writing to SPMCSR
Note that an EEPROM write operation will block all software programming to Flash.
Reading the Fuses and Lock bits from software will also be prevented during the
EEPROM write operation. It is recommended that the user checks the status bit (EEPE)
in the EECR Register and verifies that the bit is cleared before writing to the SPMCSR
Register.
Reading the Fuse and Lock
Bits from Software
It is possible to read both the Fuse and Lock bits from software. To read the Lock bits,
load the Z-pointer with 0x0001 and set the BLBSET and SELFPRGEN bits in SPMCSR.
When an LPM instruction is executed within three CPU cycles after the BLBSET and
SELFPRGEN bits are set in SPMCSR, the value of the Lock bits will be loaded in the
destination register. The BLBSET and SELFPRGEN bits will auto-clear upon completion
of reading the Lock bits or if no LPM instruction is executed within three CPU cycles or
no SPM instruction is executed within four CPU cycles. When BLBSET and SELF-
PRGEN are cleared, LPM will work as described in the Instruction set Manual.
The algorithm for reading the Fuse Low byte is similar to the one described above for
reading the Lock bits. To read the Fuse Low byte, load the Z-pointer with 0x0000 and
set the BLBSET and SELFPRGEN bits in SPMCSR. When an LPM instruction is exe-
cuted within three cycles after the BLBSET and SELFPRGEN bits are set in the
SPMCSR, the value of the Fuse Low byte (FLB) will be loaded in the destination register
as shown below. Refer to Table 120 on page 289 for a detailed description and mapping
of the Fuse Low byte.
Similarly, when reading the Fuse High byte, load 0x0003 in the Z-pointer. When an LPM
instruction is executed within three cycles after the BLBSET and SELFPRGEN bits are
set in the SPMCSR, the value of the Fuse High byte (FHB) will be loaded in the destina-
tion register as shown below. Refer to Table 121 on page 290 for detailed description
and mapping of the Fuse High byte.
Bit
7
6
5
4
3
2
1
0
R0
1
1
BLB12
BLB11
BLB02
BLB01
1
1
Bit
7
6
5
4
3
2
1
0
Rd
–
–
BLB12
BLB11
BLB02
BLB01
LB2
LB1
Bit
7
6
5
4
3
2
1
0
Rd
FLB7
FLB6
FLB5
FLB4
FLB3
FLB2
FLB1
FLB0
Bit
7
6
5
4
3
2
1
0
Rd
FHB7
FHB6
FHB5
FHB4
FHB3
FHB2
FHB1
FHB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com