Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 295 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 295 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 291Page - ATMEL Corporation AT90PWM2 Datasheet HTML 292Page - ATMEL Corporation AT90PWM2 Datasheet HTML 293Page - ATMEL Corporation AT90PWM2 Datasheet HTML 294Page - ATMEL Corporation AT90PWM2 Datasheet HTML 295Page - ATMEL Corporation AT90PWM2 Datasheet HTML 296Page - ATMEL Corporation AT90PWM2 Datasheet HTML 297Page - ATMEL Corporation AT90PWM2 Datasheet HTML 298Page - ATMEL Corporation AT90PWM2 Datasheet HTML 299Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 365 page
background image
295
AT90PWM2/3
4317B–AVR–02/05
Parallel Programming
Enter Programming Mode
The following algorithm puts the device in Parallel (High-voltage) > Programming mode:
1.
Set Prog_enable pins listed in Table 124. to “0000”, RESET pin to “0” and Vcc to
0V.
2.
Apply 4.5 - 5.5V between VCC and GND. Ensure that Vcc reaches at least 1.8V
within the next 20µs.
3.
Wait 20 - 60µs, and apply 11.5 - 12.5V to RESET.
4.
Keep the Prog_enable pins unchanged for at least 10µs after the High-voltage
has been applied to ensure the Prog_enable Signature has been latched.
5.
Wait at least 300µs before giving any parallel programming commands.
6.
Exit Programming mode by power the device down or by bringing RESET pin to
0V.
If the rise time of the Vcc is unable to fulfill the requirements listed above, the following
alternative algorithm can be used.
1.
Set Prog_enable pins listed in Table 124. to “0000”, RESET pin to “0” and Vcc to
0V.
2.
Apply 4.5 - 5.5V between VCC and GND.
3.
Monitor Vcc, and as soon as Vcc reaches 0.9 - 1.1V, apply 11.5 - 12.5V to
RESET.
4.
Keep the Prog_enable pins unchanged for at least 10µs after the High-voltage
has been applied to ensure the Prog_enable Signature has been latched.
5.
Wait until Vcc actually reaches 4.5 -5.5V before giving any parallel programming
commands.
6.
Exit Programming mode by power the device down or by bringing RESET pin to
0V.
Considerations for Efficient
Programming
The loaded command and address are retained in the device during programming. For
efficient programming, the following should be considered.
•
The command needs only be loaded once when writing or reading multiple memory
locations.
•
Skip writing the data value 0xFF, that is the contents of the entire EEPROM (unless
the EESAVE Fuse is programmed) and Flash after a Chip Erase.
•
Address high byte needs only be loaded before programming or reading a new 256
word window in Flash or 256 byte EEPROM. This consideration also applies to
Signature bytes reading.
Chip Erase
The Chip Erase will erase the Flash and EEPROM
(1) memories plus Lock bits. The Lock
bits are not reset until the program memory has been completely erased. The Fuse bits
are not changed. A Chip Erase must be performed before the Flash and/or EEPROM
are reprogrammed.
Note:
1. The EEPRPOM memory is preserved during Chip Erase if the EESAVE Fuse is
programmed.
Load Command “Chip Erase”
1.
Set XA1, XA0 to “10”. This enables command loading.
2.
Set BS1 to “0”.
3.
Set DATA to “1000 0000”. This is the command for Chip Erase.
4.
Give XTAL1 a positive pulse. This loads the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com