Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 339 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 339 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 335Page - ATMEL Corporation AT90PWM2 Datasheet HTML 336Page - ATMEL Corporation AT90PWM2 Datasheet HTML 337Page - ATMEL Corporation AT90PWM2 Datasheet HTML 338Page - ATMEL Corporation AT90PWM2 Datasheet HTML 339Page - ATMEL Corporation AT90PWM2 Datasheet HTML 340Page - ATMEL Corporation AT90PWM2 Datasheet HTML 341Page - ATMEL Corporation AT90PWM2 Datasheet HTML 342Page - ATMEL Corporation AT90PWM2 Datasheet HTML 343Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 365 page
background image
339
AT90PWM2/3
4317B–AVR–02/05
BOD Thresholds and
Analog Comparator
Offset
Figure 187. BOD Thresholds vs. Temperature (BODLEVEL Is 4.0V)
Figure 188. BOD Thresholds vs. Temperature (BODLEVEL Is 2.7V)
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL IS 4.0V
4.2
4.25
4.3
4.35
4.4
4.45
4.5
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Rising Vcc
Falling Vcc
TE
MP
LA
TE
TO
BE
CH
AR
AC
TE
RI
ZE
D
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL IS 2.7V
2.6
2.65
2.7
2.75
2.8
2.85
2.9
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Rising Vcc
Falling Vcc
TE
MP
LA
TE
TO
BE
CH
AR
AC
TE
RI
ZE
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com