Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 362 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 362 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 357Page - ATMEL Corporation AT90PWM2 Datasheet HTML 358Page - ATMEL Corporation AT90PWM2 Datasheet HTML 359Page - ATMEL Corporation AT90PWM2 Datasheet HTML 360Page - ATMEL Corporation AT90PWM2 Datasheet HTML 361Page - ATMEL Corporation AT90PWM2 Datasheet HTML 362Page - ATMEL Corporation AT90PWM2 Datasheet HTML 363Page - ATMEL Corporation AT90PWM2 Datasheet HTML 364Page - ATMEL Corporation AT90PWM2 Datasheet HTML 365Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 362 / 365 page
background image
362
AT90PWM2/3
4317B–AVR–02/05
Overview........................................................................................................... 132
PSC Description ............................................................................................... 133
Signal Description............................................................................................. 135
Functional Description .......................................................................................137
Update of Values .............................................................................................. 142
Enhanced Resolution.........................................................................................143
PSC Inputs.........................................................................................................147
PSC Input Mode 1: Stop signal, Jump to Opposite Dead-Time and Wait .........152
PSC Input Mode 2: Stop signal, Execute Opposite Dead-Time and Wait .........153
PSC Input Mode 3: Stop signal, Execute Opposite while Fault active...............154
PSC Input Mode 4: Deactivate outputs without changing timing. ......................155
PSC Input Mode 5: Stop signal and Insert Dead-Time......................................156
PSC Input Mode 6: Stop signal, Jump to Opposite Dead-Time and Wait. ........157
PSC Input Mode 7: Halt PSC and Wait for Software Action ..............................158
PSC Input Mode 8 .............................................................................................159
PSC Input Mode 9: Fixed Frequency Edge Retrigger PSC ...............................160
PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and Disactivate Output
161
PSC2 Outputs................................................................................................... 163
PSC Synchronization........................................................................................ 163
Analog Synchronization .................................................................................... 164
Interrupt Handling ............................................................................................. 164
PSC Synchronization.........................................................................................165
PSC Clock Sources .......................................................................................... 165
Interrupts............................................................................................................167
PSC Register Definition .....................................................................................168
PSC2 Specific Register .................................................................................... 178
Serial Peripheral Interface – SPI...................................................... 182
Features............................................................................................................ 182
SS Pin Functionality...........................................................................................187
Data Modes .......................................................................................................191
USART ............................................................................................... 192
Features............................................................................................................ 192
Overview........................................................................................................... 193
Clock Generation .............................................................................................. 194
Serial Frame ..................................................................................................... 196
USART Initialization.......................................................................................... 197
Data Transmission – USART Transmitter .........................................................199
Data Reception – USART Receiver...................................................................201
Asynchronous Data Reception ......................................................................... 206
Multi-processor Communication Mode ..............................................................209
USART Register Description .............................................................................211
Examples of Baud Rate Setting........................................................................ 217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com