Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952702 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS952702
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952702 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS952702 Datasheet HTML 7Page - Integrated Circuit Systems ICS952702 Datasheet HTML 8Page - Integrated Circuit Systems ICS952702 Datasheet HTML 9Page - Integrated Circuit Systems ICS952702 Datasheet HTML 10Page - Integrated Circuit Systems ICS952702 Datasheet HTML 11Page - Integrated Circuit Systems ICS952702 Datasheet HTML 12Page - Integrated Circuit Systems ICS952702 Datasheet HTML 13Page - Integrated Circuit Systems ICS952702 Datasheet HTML 14Page - Integrated Circuit Systems ICS952702 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS952702
0795D—05/06/05
Electrical Characteristics - CPUCLKODC/T
TA = 0 - 70°C; VDD = 1.7 V +/-5%; CL = 5 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
Termination to Vpull-up(external)
1
1.2
V
Output Low Voltage
VOL2B
Termination to Vpull-up(external)
0.4
V
Output Low Current
IOL2B
VOL = 0.3 V
18
mA
Rise Time
1
tr2B
VOL = 20%, VOH = 80%
0.38
0.9
ns
Fall Time
1
tf2B
VOH = 80%, VOL = 20%,
0.44
0.9
ns
Differential Crossover
Voltage
1
VX
550
1200
1250
mV
Duty Cycle
1
dt2B
VT = 50%
45
51.5
55
%
Skew
1
tsk2B
VT = 50%
140
200
ps
Jitter Diff, Cycle-to-
cycle
1
tjcyc-cyc2B
VT = VX
60
250
ps
Jitter SE, Cycle-to-
cycle
1
tjcyc-cyc2B
VT = 1.0V
100
250
ps
Jitter, Absolute
1
tjabs2B
VT = 50%
-250
250
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
V
Differential voltage-
DC
1
VDIF
0.2
V
Differential voltage-
AC
1
VDIF
0.4
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3 V,+/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
57
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
2.25
2.5
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
2.1
2.5
ns
Duty Cycle
1
dt1
VT = 1.5 V
4550
55%
Skew
1
tsk1
VT = 1.5 V
170
500
ps
tjcyc-cyc
1
VT = 1.5 V
150
500
ps
tjabs1
VT = 1.5 V
500
ps
1Guaranteed by design, not 100% tested in production.
Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com