Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952702 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS952702
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952702 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS952702 Datasheet HTML 4Page - Integrated Circuit Systems ICS952702 Datasheet HTML 5Page - Integrated Circuit Systems ICS952702 Datasheet HTML 6Page - Integrated Circuit Systems ICS952702 Datasheet HTML 7Page - Integrated Circuit Systems ICS952702 Datasheet HTML 8Page - Integrated Circuit Systems ICS952702 Datasheet HTML 9Page - Integrated Circuit Systems ICS952702 Datasheet HTML 10Page - Integrated Circuit Systems ICS952702 Datasheet HTML 11Page - Integrated Circuit Systems ICS952702 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS952702
0795D—05/06/05
I
2C Table: Slew Rate Control Register
Bit 7
PCIStr1
RW
1
Bit 6
PCIStr0
RW
1
Bit 5
PCIStr1
RW
1
Bit 4
PCIStr0
RW
1
Bit 3
PCIStr1
RW
1
Bit 2
PCIStr0
RW
1
Bit 1
AGPStr1
RW
1
Bit 0
AGPStr0
RW
1
I
2C Table: Reserved Register
Bit 7
Reserved
Reserved
R
-
-
1
Bit 6
Reserved
Reserved
R
-
-
1
Bit 5
Reserved
Reserved
R
-
-
1
Bit 4
Reserved
Reserved
R
-
-
1
Bit 3
Reserved
Reserved
R
-
-
1
Bit 2
Reserved
Reserved
R
-
-
1
Bit 1
Reserved
Reserved
R
-
-
1
Bit 0
Reserved
Reserved
R
-
-
1
I
2C Table: Byte Count Register
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
1
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
I
2C Table: Watchdog Timer Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
WDSA control
WD soft alarm control
RW
Disable
Enable
0
Bit 6
WDHRB
WD Hard Alarm Status
Read back
RNormal
Alarm
X
Bit 5
WDSRB
WD Soft Alarm Status
Read back
RNormal
Alarm
X
Bit 4
GR_EN
Gear Shift Reset Enable
RW
Disable
Enable
0
Bit 3
WDTCtrl
Watch Dog Time base
control
RW
290ms base
1160ms base
0
Bit 2
WD2
WD Timer Bit2
RW
1
Bit 1
WD1
WD Timer Bit1
RW
1
Bit 0
WD0
WD Timer Bit0
RW
1
AGPCLK Strength
Control
00=.7x; 01=.8x; 10=.9x; 11=1x Strength
PCICLK(2:0) Strength
Control
00=.63x; 01=.75x; 10=.88x; 11=1x
Strength
PCICLK(5:3) Strength
Control
00=.63x; 01=.75x; 10=.88x; 11=1x
Strength
PCICLK_F(1:0) Strength
Control
00=.63x; 01=.75x; 10=.88x; 11=1x
Strength
PWD
01
PWD
PWD
1
0
1
0
Byte 9
-
-
-
-
-
-
-
-
-
Name
-
-
-
-
Byte 7
Pin #
-
-
Type
Control Function
-
-
-
Byte 6
Pin #
Name
-
-
-
-
-
-
-
-
Type
-
Control Function
Byte 8
Pin #
Name
Writing to this register will
configure how many
bytes will be read back,
default is 0F = 15 bytes.
-
-
-
-
-
These bits represent X*290ms (or
1.16S) the watchdog timer will wait
before it goes to alarm mode. Default is
7 X 290ms =2s.
Control Function
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com