Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952702 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952702
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952702 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952702 Datasheet HTML 1Page - Integrated Circuit Systems ICS952702 Datasheet HTML 2Page - Integrated Circuit Systems ICS952702 Datasheet HTML 3Page - Integrated Circuit Systems ICS952702 Datasheet HTML 4Page - Integrated Circuit Systems ICS952702 Datasheet HTML 5Page - Integrated Circuit Systems ICS952702 Datasheet HTML 6Page - Integrated Circuit Systems ICS952702 Datasheet HTML 7Page - Integrated Circuit Systems ICS952702 Datasheet HTML 8Page - Integrated Circuit Systems ICS952702 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS952702
0795D—05/06/05
Pin Configuration
Recommended Application:
SiS746/746FX style chipset
Output Features:
•
1 - Pair of differential open drain CPU outputs
•
1 - Single-ended open drain CPU output
•
8 - PCICLK @ 3.3V including 2 PCI clock free running
•
2 - AGPCLK @ 3.3V
•
3 - REF @ 3.3V
•
2 - ZCLK @ 3.3V
•
2 - IOAPIC @ 2.5V
•
1 - 12_48MHz @ 3.3V
•
1 - 24_48MHz @ 3.3V
Key Specifications:
•
CPU Output Jitter <250ps
•
AGP Output Jitter <250ps
•
ZCLK Output Jitter <250ps
•
PCI Output Jitter <500ps
•
CPU-AGP/PCI/ZCLK skew: 2.5ns~3.5ns
Programmable Timing Control Hub for K7TM System
Functionality
Features/Benefits:
•
Selectable synchronous/asynchronous AGP/PCI
frequency
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz reference or XTAL input.
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
ZCLK
AGP
PCI
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
00000
200.00
133.33
66.67
33.33
00001
200.99
133.99
67.00
33.50
00010
200.00
66.67
66.67
33.33
00011
206.00
137.33
68.67
34.33
00100
133.33
133.33
66.67
33.33
00101
214.00
142.66
71.33
35.67
00110
218.00
145.33
72.67
36.33
00111
222.00
148.00
74.00
37.00
01000
100.00
133.33
66.67
33.33
01001
100.99
134.65
67.33
33.66
01010
100.00
66.67
66.67
33.33
01011
103.00
137.33
68.67
34.33
01100
100.00
133.33
66.67
33.33
01101
107.00
142.66
71.33
35.67
01110
109.00
145.33
72.67
36.33
01111
111.00
148.00
74.00
37.00
10000
166.67
133.33
66.67
33.33
10001
166.99
133.59
66.80
33.40
10010
166.67
66.67
66.67
33.33
10011
171.67
137.33
68.67
34.33
10100
175.00
140.00
70.00
35.00
10101
178.34
142.66
71.33
35.67
10110
181.67
145.33
72.67
36.33
10111
185.00
148.00
74.00
37.00
11000
133.33
133.33
66.67
33.33
11001
133.99
133.99
67.00
33.50
11010
133.33
66.67
66.67
33.33
11011
137.33
137.33
68.67
34.33
11100
140.00
140.00
70.00
35.00
11101
142.66
142.66
71.33
35.67
11110
145.33
145.33
72.67
36.33
11111
148.00
148.00
74.00
37.00
VDDREF 1
48 VDDLAPIC
**FS0/REF0 2
47 IOAPIC1
**FS1/REF1 3
46 IOAPIC0
**FS4/REF2 4
45 GNDAPIC
GNDREF 5
44 CPU_STOP#*
X1 6
43 CPUCLKODT1
X2 7
42 RESET#
GNDZ 8
41 GNDCPU
ZCLK0 9
40 CPUCLKODT0
ZCLK1 10
39 CPUCLKODC0
VDDZ 11
38 VDDCPU
*PCI_STOP# 12
37 AGND
VDDPCI 13
36 AVDD
**FS2/PCICLK_F0 14
35 SCLK
*FS3/PCICLK_F1 15
34 SDATA
PCICLK0 16
33 PD#*
PCICLK1 17
32 GNDAGP
GNDPCI 18
31 AGPCLK0
VDDPCI 19
30 AGPCLK1
PCICLK2 20
29 VDDAGP
PCICLK3 21
28 AVDD48
PCICLK4 22
27 12_48MHz/SEL12#_48MHz*
PCICLK5 23
26 24_48MHz/SEL24#_48MHz**
GNDPCI 24
25 GND48
48-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - ICS952702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS952702 RENESAS-ICS952702 Datasheet
340Kb / 18P
Programmable Timing Control Hub for K7TM System
2019
ICS952702YFLFT RENESAS-ICS952702YFLFT Datasheet
340Kb / 18P
Programmable Timing Control Hub for K7TM System
2019
More results

Similar Description - ICS952702

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS952703 ICST-ICS952703 Datasheet
143Kb / 17P
Programmable Timing Control Hub for K7 System
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS952702 RENESAS-ICS952702 Datasheet
340Kb / 18P
Programmable Timing Control Hub for K7TM System
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com