Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952702 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS952702
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952702 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS952702 Datasheet HTML 2Page - Integrated Circuit Systems ICS952702 Datasheet HTML 3Page - Integrated Circuit Systems ICS952702 Datasheet HTML 4Page - Integrated Circuit Systems ICS952702 Datasheet HTML 5Page - Integrated Circuit Systems ICS952702 Datasheet HTML 6Page - Integrated Circuit Systems ICS952702 Datasheet HTML 7Page - Integrated Circuit Systems ICS952702 Datasheet HTML 8Page - Integrated Circuit Systems ICS952702 Datasheet HTML 9Page - Integrated Circuit Systems ICS952702 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS952702
0795D—05/06/05
I
2C Table: Frequency Select Register
Bit 7
FS Source
Frequency H/W IIC
Select
RW
Latch Inputs
IIC
0
Bit 6
SS_EN
Spread Enable Control
RW
OFF
ON
1
Bit 5
SEL12/48MHz
Output Control
RW
12MHz
48MHz
Latch
Bit 4
FS4
Freq Select Bit 4
RW
Latch
Bit 3
FS3
Freq Select Bit 3
RW
Latch
Bit 2
FS2
Freq Select Bit 2
RW
Latch
Bit 1
FS1
Freq Select Bit 1
RW
Latch
Bit 0
FS0
Freq Select Bit 0
RW
Latch
I
2C Table: Output Control Register
Bit 7
24_48MHz
Output Control
RW
Disable
Enable
1
Bit 6
48MHz
Output Control
RW
Disable
Enable
1
Bit 5
SEL24/48MHz
Output Control
RW
24MHz
48MHz
Latch
Bit 4
IOAPIC1
Output Control
RW
Disable
Enable
1
Bit 3
IOAPIC0
Output Control
RW
Disable
Enable
1
Bit 2
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 1
CPUCLKODT1
Output Control
RW
Disable
Enable
1
Bit 0
CPUCLKODT0/C0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Bit 7
PCICLK_F1
Output Control
RW
Disable
Enable
1
Bit 6
PCICLK_F0
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Bit 7
REF2
Output Control
RW
Disable
Enable
1
Bit 6
REF1
Output Control
RW
Disable
Enable
1
Bit 5
REF0
Output Control
RW
Disable
Enable
1
Bit 4
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 3
ZCLK1
Output Control
RW
Disable
Enable
1
Bit 2
ZCLK0
Output Control
RW
Disable
Enable
1
Bit 1
AGPCLK1
Output Control
RW
Disable
Enable
1
Bit 0
AGPCLK0
Output Control
RW
Disable
Enable
1
See Table 1: Frequency Selection Table
1
1
1
2
-
10
9
30
31
PWD
4
3
Name
Control Function
Type
0
17
16
Byte 3
Pin #
23
22
21
20
PWD
15
14
Name
Control Function
Type
0
43
40/39
Byte 2
Pin #
47
46
-
-
26
27
Type
0
PWD
Byte 1
Pin #
Name
Control Function
-
-
27
-
-
-
-
-
Type
0
1
PWD
Byte 0
Pin #
Name
Control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com