Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 185 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 185 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 181Page - Microchip Technology ATMEGA640 Datasheet HTML 182Page - Microchip Technology ATMEGA640 Datasheet HTML 183Page - Microchip Technology ATMEGA640 Datasheet HTML 184Page - Microchip Technology ATMEGA640 Datasheet HTML 185Page - Microchip Technology ATMEGA640 Datasheet HTML 186Page - Microchip Technology ATMEGA640 Datasheet HTML 187Page - Microchip Technology ATMEGA640 Datasheet HTML 188Page - Microchip Technology ATMEGA640 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 436 page
background image
185
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
20.10.2
TCCR2B – Timer/Counter Control Register B
• Bit 7 – FOC2A: Force Output Compare A
The FOC2A bit is only active when the WGM bits specify a non-PWM mode.
However, for ensuring compatibility with future devices, this bit must be set to zero when TCCR2B is written when
operating in PWM mode. When writing a logical one to the FOC2A bit, an immediate Compare Match is forced on
the Waveform Generation unit. The OC2A output is changed according to its COM2A1:0 bits setting. Note that the
FOC2A bit is implemented as a strobe. Therefore it is the value present in the COM2A1:0 bits that determines the
effect of the forced compare.
A FOC2A strobe will not generate any interrupt, nor will it clear the timer in CTC mode using OCR2A as TOP.
The FOC2A bit is always read as zero.
• Bit 6 – FOC2B: Force Output Compare B
The FOC2B bit is only active when the WGM bits specify a non-PWM mode.
However, for ensuring compatibility with future devices, this bit must be set to zero when TCCR2B is written when
operating in PWM mode. When writing a logical one to the FOC2B bit, an immediate Compare Match is forced on
the Waveform Generation unit. The OC2B output is changed according to its COM2B1:0 bits setting. Note that the
FOC2B bit is implemented as a strobe. Therefore it is the value present in the COM2B1:0 bits that determines the
effect of the forced compare.
A FOC2B strobe will not generate any interrupt, nor will it clear the timer in CTC mode using OCR2B as TOP.
The FOC2B bit is always read as zero.
• Bits 5:4 – Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 3 – WGM22: Waveform Generation Mode
See the description in the “TCCR2A –Timer/Counter Control Register A” on page 182.
• Bit 2:0 – CS22:0: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter, see Table 20-9.
Bit
7
6
5
4
3
210
(0xB1)
FOC2A
FOC2B
–
–
WGM22
CS22
CS21
CS20
TCCR2B
Read/Write
W
W
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 20-9.
Clock Select Bit Description
CS22
CS21
CS20
Description
0
0
0
No clock source (Timer/Counter stopped)
00
1
clkT2S/(No prescaling)
01
0
clkT2S/8 (From prescaler)
01
1
clkT2S/32 (From prescaler)
10
0
clkT2S/64 (From prescaler)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com