Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 66 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 66 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 62Page - Microchip Technology ATMEGA640 Datasheet HTML 63Page - Microchip Technology ATMEGA640 Datasheet HTML 64Page - Microchip Technology ATMEGA640 Datasheet HTML 65Page - Microchip Technology ATMEGA640 Datasheet HTML 66Page - Microchip Technology ATMEGA640 Datasheet HTML 67Page - Microchip Technology ATMEGA640 Datasheet HTML 68Page - Microchip Technology ATMEGA640 Datasheet HTML 69Page - Microchip Technology ATMEGA640 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 436 page
background image
66
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Table 12-2.
Watchdog Timer Prescale Select
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator Cycles
Typical Time-out at VCC = 5.0V
0
0
0
0
2K (2048) cycles
16ms
0
0
0
1
4K (4096) cycles
32ms
0
0
1
0
8K (8192) cycles
64ms
0
0
1
1
16K (16384) cycles
0.125s
0
1
0
0
32K (32768) cycles
0.25s
0
1
0
1
64K (65536) cycles
0.5s
0
1
1
0
128K (131072) cycles
1.0s
0
1
1
1
256K (262144) cycles
2.0s
1
0
0
0
512K (524288) cycles
4.0s
1
0
0
1
1024K (1048576) cycles
8.0s
10
10
Reserved
10
11
11
00
11
01
11
10
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com