Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 88 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 88 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 84Page - Microchip Technology ATMEGA640 Datasheet HTML 85Page - Microchip Technology ATMEGA640 Datasheet HTML 86Page - Microchip Technology ATMEGA640 Datasheet HTML 87Page - Microchip Technology ATMEGA640 Datasheet HTML 88Page - Microchip Technology ATMEGA640 Datasheet HTML 89Page - Microchip Technology ATMEGA640 Datasheet HTML 90Page - Microchip Technology ATMEGA640 Datasheet HTML 91Page - Microchip Technology ATMEGA640 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 436 page
background image
88
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
13.3.8
Alternate Functions of Port H
The Port H alternate pin configuration is as follows:
• T4 – Port H, Bit 7
T4, Timer/Counter4 counter source.
• OC2B – Port H, Bit 6
OC2B, Output Compare Match B output: The PH6 pin can serve as an external output for the Timer/Counter2 Out-
put Compare B. The pin has to be configured as an output (DDH6 set) to serve this function. The OC2B pin is also
the output pin for the PWM mode timer function.
• OC4C – Port H, Bit 5
OC4C, Output Compare Match C output: The PH5 pin can serve as an external output for the Timer/Counter4 Out-
put Compare C. The pin has to be configured as an output (DDH5 set) to serve this function. The OC4C pin is also
the output pin for the PWM mode timer function.
Table 13-23. Overriding Signals for Alternate Functions in PG3:PG0
Signal Name
PG3/TOSC2
PG2/ALE/A7
PG1/RD
PG0/WR
PUOE
AS2 • EXCLK
SRE
SRE
SRE
PUOV
000
0
DDOE
AS2 • EXCLK
SRE
SRE
SRE
DDOV
0
1
1
1
PVOE
0
SRE
SRE
SRE
PVOV
0
ALE
RD
WR
PTOE
–––
–
DIEOE
AS2 • EXCLK
00
0
DIEOV
000
0
DI
–––
–
AIO
T/C2 OSC OUTPUT
–
–
–
Table 13-24. Port H Pins Alternate Functions
Port Pin
Alternate Function
PH7
T4 (Timer/Counter4 Clock Input)
PH6
OC2B (Output Compare and PWM Output B for Timer/Counter2)
PH5
OC4C (Output Compare and PWM Output C for Timer/Counter4)
PH4
OC4B (Output Compare and PWM Output B for Timer/Counter4)
PH3
OC4A (Output Compare and PWM Output A for Timer/Counter4)
PH2
XCK2 (USART2 External Clock)
PH1
TXD2 (USART2 Transmit Pin)
PH0
RXD2 (USART2 Receive Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com