Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 203 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 203 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 199Page - Microchip Technology ATMEGA640 Datasheet HTML 200Page - Microchip Technology ATMEGA640 Datasheet HTML 201Page - Microchip Technology ATMEGA640 Datasheet HTML 202Page - Microchip Technology ATMEGA640 Datasheet HTML 203Page - Microchip Technology ATMEGA640 Datasheet HTML 204Page - Microchip Technology ATMEGA640 Datasheet HTML 205Page - Microchip Technology ATMEGA640 Datasheet HTML 206Page - Microchip Technology ATMEGA640 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 436 page
background image
203
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Note:
1. The baud rate is defined to be the transfer rate in bit per second (bps).
BAUD
Baud rate (in bits per second, bps).
fOSC
System Oscillator clock frequency.
UBRRn
Contents of the UBRRHn and UBRRLn Registers, (0-4095).
Some examples of UBRRn values for some system clock frequencies are found in Table 22-9 on page 223.
22.3.2
Double Speed Operation (U2Xn)
The transfer rate can be doubled by setting the U2Xn bit in UCSRnA. Setting this bit only has effect for the asyn-
chronous operation. Set this bit to zero when using synchronous operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively doubling the transfer rate for
asynchronous communication. Note however that the Receiver will in this case only use half the number of sam-
ples (reduced from 16 to 8) for data sampling and clock recovery, and therefore a more accurate baud rate setting
and system clock are required when this mode is used. For the Transmitter, there are no downsides.
22.3.3
External Clock
External clocking is used by the synchronous slave modes of operation. The description in this section refers to
Figure 22-2 on page 202 for details.
External clock input from the XCKn pin is sampled by a synchronization register to minimize the chance of meta-
stability. The output from the synchronization register must then pass through an edge detector before it can be
used by the Transmitter and Receiver. This process introduces a two CPU clock period delay and therefore the
maximum external XCKn clock frequency is limited by the following equation:
Note that fosc depends on the stability of the system clock source. It is therefore recommended to add some margin
to avoid possible loss of data due to frequency variations.
Table 22-1.
Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating Baud Rate(1)
Equation for Calculating UBRR Value
Asynchronous Normal mode
(U2Xn = 0)
Asynchronous Double Speed
mode (U2Xn = 1)
Synchronous Master mode
BAUD
fOSC
16 UBRRn 1
+

------------------------------------------
=
UBRRn
fOSC
16BAUD
------------------------ 1
–
=
BAUD
fOSC
8 UBRRn 1
+

---------------------------------------
=
UBRRn
fOSC
8BAUD
-------------------- 1
–
=
BAUD
fOSC
2 UBRRn 1
+

---------------------------------------
=
UBRRn
fOSC
2BAUD
-------------------- 1
–
=
fXCK
fOSC
4
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com