Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 247 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 247 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 243Page - Microchip Technology ATMEGA640 Datasheet HTML 244Page - Microchip Technology ATMEGA640 Datasheet HTML 245Page - Microchip Technology ATMEGA640 Datasheet HTML 246Page - Microchip Technology ATMEGA640 Datasheet HTML 247Page - Microchip Technology ATMEGA640 Datasheet HTML 248Page - Microchip Technology ATMEGA640 Datasheet HTML 249Page - Microchip Technology ATMEGA640 Datasheet HTML 250Page - Microchip Technology ATMEGA640 Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 436 page
background image
247
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
24.7 Transmission Modes
The TWI can operate in one of four major modes. These are named Master Transmitter (MT), Master Receiver
(MR), Slave Transmitter (ST) and Slave Receiver (SR). Several of these modes can be used in the same applica-
tion. As an example, the TWI can use MT mode to write data into a TWI EEPROM, MR mode to read the data back
from the EEPROM. If other masters are present in the system, some of these might transmit data to the TWI, and
then SR mode would be used. It is the application software that decides which modes are legal.
The following sections describe each of these modes. Possible status codes are described along with figures
detailing data transmission in each of the modes. These figures contain the following abbreviations:
S:
START condition
Rs: REPEATED START condition
R:
Read bit (high level at SDA)
W:
Write bit (low level at SDA)
A:
Acknowledge bit (low level at SDA)
A:
Not acknowledge bit (high level at SDA)
Data: 8-bit data byte
P:
STOP condition
SLA: Slave Address
In Figure 24-12 on page 250 to Figure 24-18 on page 258, circles are used to indicate that the TWINT Flag is set.
The numbers in the circles show the status code held in TWSR, with the prescaler bits masked to zero. At these
points, actions must be taken by the application to continue or complete the TWI transfer. The TWI transfer is sus-
pended until the TWINT Flag is cleared by software.
When the TWINT Flag is set, the status code in TWSR is used to determine the appropriate software action. For
each status code, the required software action and details of the following serial transfer are given in Table 24-2 on
page 249 to Table 24-5 on page 257. Note that the prescaler bits are masked to zero in these tables.
24.7.1
Master Transmitter Mode
In the Master Transmitter mode, a number of data bytes are transmitted to a Slave Receiver (see Figure 24-11). In
order to enter a Master mode, a START condition must be transmitted. The format of the following address packet
determines whether Master Transmitter or Master Receiver mode is to be entered. If SLA+W is transmitted, MT
mode is entered, if SLA+R is transmitted, MR mode is entered. All the status codes mentioned in this section
assume that the prescaler bits are zero or are masked to zero.
Figure 24-11. Data Transfer in Master Transmitter Mode
Device 1
MASTER
TRANSMITTER
Device 2
SLAVE
RECEIVER
Device 3
Device n
SDA
SCL
........
R1
R2
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com