Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 254 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 254 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 250Page - Microchip Technology ATMEGA640 Datasheet HTML 251Page - Microchip Technology ATMEGA640 Datasheet HTML 252Page - Microchip Technology ATMEGA640 Datasheet HTML 253Page - Microchip Technology ATMEGA640 Datasheet HTML 254Page - Microchip Technology ATMEGA640 Datasheet HTML 255Page - Microchip Technology ATMEGA640 Datasheet HTML 256Page - Microchip Technology ATMEGA640 Datasheet HTML 257Page - Microchip Technology ATMEGA640 Datasheet HTML 258Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 436 page
background image
254
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The upper seven bits are the address to which the 2-wire Serial Interface will respond when addressed by a Mas-
ter. If the LSB is set, the TWI will respond to the general call address (0x00), otherwise it will ignore the general call
address.
TWEN must be written to one to enable the TWI. The TWEA bit must be written to one to enable the acknowledge-
ment of the device’s own slave address or the general call address. TWSTA and TWSTO must be written to zero.
When TWAR and TWCR have been initialized, the TWI waits until it is addressed by its own slave address (or the
general call address if enabled) followed by the data direction bit. If the direction bit is “0” (write), the TWI will oper-
ate in SR mode, otherwise ST mode is entered. After its own slave address and the write bit have been received,
the TWINT Flag is set and a valid status code can be read from TWSR. The status code is used to determine the
appropriate software action. The appropriate action to be taken for each status code is detailed in Table 24-4 on
page 255. The Slave Receiver mode may also be entered if arbitration is lost while the TWI is in the Master mode
(see states 0x68 and 0x78).
If the TWEA bit is reset during a transfer, the TWI will return a “Not Acknowledge” (“1”) to SDA after the next
received data byte. This can be used to indicate that the Slave is not able to receive any more bytes. While TWEA
is zero, the TWI does not acknowledge its own slave address. However, the 2-wire Serial Bus is still monitored and
address recognition may resume at any time by setting TWEA. This implies that the TWEA bit may be used to tem-
porarily isolate the TWI from the 2-wire Serial Bus.
In all sleep modes other than Idle mode, the clock system to the TWI is turned off. If the TWEA bit is set, the inter-
face can still acknowledge its own slave address or the general call address by using the 2-wire Serial Bus clock as
a clock source. The part will then wake up from sleep and the TWI will hold the SCL clock low during the wake up
and until the TWINT Flag is cleared (by writing it to one). Further data reception will be carried out as normal, with
the AVR clocks running as normal. Observe that if the AVR is set up with a long start-up time, the SCL line may be
held low for a long time, blocking other data transmissions.
Note that the 2-wire Serial Interface Data Register – TWDR does not reflect the last byte present on the bus when
waking up from these Sleep modes.
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
–
TWIE
value
0
10
0
01
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com