Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 328 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 328 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 324Page - Microchip Technology ATMEGA640 Datasheet HTML 325Page - Microchip Technology ATMEGA640 Datasheet HTML 326Page - Microchip Technology ATMEGA640 Datasheet HTML 327Page - Microchip Technology ATMEGA640 Datasheet HTML 328Page - Microchip Technology ATMEGA640 Datasheet HTML 329Page - Microchip Technology ATMEGA640 Datasheet HTML 330Page - Microchip Technology ATMEGA640 Datasheet HTML 331Page - Microchip Technology ATMEGA640 Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 436 page
background image
328
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
30.3 Signature Bytes
The microcontrollers have a three-byte signature code which identifies the device. This code can be read in both
serial and parallel mode, also when the device is locked. The three bytes reside in a separate address space. For
the ATmega640/1280/1281/2560/2561 the signature bytes are given in Table 30-6.
30.4 Calibration Byte
The ATmega640/1280/1281/2560/2561 has a byte calibration value for the internal RC Oscillator. This byte resides
in the high byte of address 0x000 in the signature address space. During reset, this byte is automatically written
into the OSCCAL Register to ensure correct frequency of the calibrated RC Oscillator.
30.5 Page Size
30.6 Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM Data memory, Mem-
ory Lock bits, and Fuse bits in the ATmega640/1280/1281/2560/2561. Pulses are assumed to be at least 250ns
unless otherwise noted.
30.6.1
Signal Names
In this section, some pins of the ATmega640/1280/1281/2560/2561 are referenced by signal names describing
their functionality during parallel programming, see Figure 30-1 and Table 30-9 on page 329. Pins not described in
the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive pulse. The bit coding is
shown in Table 30-12 on page 330.
When pulsing WR or OE, the command loaded determines the action executed. The different commands are
shown in Table 30-13 on page 330.
Table 30-6.
Device and JTAG ID
Part
Signature Bytes Address
JTAG
0x000
0x001
0x002
Part Number
Manufacture ID
ATmega640
0x1E
0x96
0x08
9608
0x1F
ATmega1280
0x1E
0x97
0x03
9703
0x1F
ATmega1281
0x1E
0x97
0x04
9704
0x1F
ATmega2560
0x1E
0x98
0x01
9801
0x1F
ATmega2561
0x1E
0x98
0x02
9802
0x1F
Table 30-7.
No. of Words in a Page and No. of Pages in the Flash
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
128K words (256Kbytes)
128 words
PC[6:0]
1024
PC[16:7]
16
Table 30-8.
No. of Words in a Page and No. of Pages in the EEPROM
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
4Kbytes
8 bytes
EEA[2:0]
512
EEA[11:3]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com