Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 345 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 345 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 341Page - Microchip Technology ATMEGA640 Datasheet HTML 342Page - Microchip Technology ATMEGA640 Datasheet HTML 343Page - Microchip Technology ATMEGA640 Datasheet HTML 344Page - Microchip Technology ATMEGA640 Datasheet HTML 345Page - Microchip Technology ATMEGA640 Datasheet HTML 346Page - Microchip Technology ATMEGA640 Datasheet HTML 347Page - Microchip Technology ATMEGA640 Datasheet HTML 348Page - Microchip Technology ATMEGA640 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 436 page
background image
345
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
30.9.7
Data Registers
The Data Registers are selected by the JTAG instruction registers described in section “Programming Specific
JTAG Instructions” on page 343. The Data Registers relevant for programming operations are:
•
Reset Register
•
Programming Enable Register
•
Programming Command Register
•
Flash Data Byte Register
30.9.8
Reset Register
The Reset Register is a Test Data Register used to reset the part during programming. It is required to reset the
part before entering Programming mode.
A high value in the Reset Register corresponds to pulling the external reset low. The part is reset as long as there
is a high value present in the Reset Register. Depending on the Fuse settings for the clock options, the part will
remain reset for a Reset Time-out period (refer to “Clock Sources” on page 40) after releasing the Reset Register.
The output from this Data Register is not latched, so the reset will take place immediately, as shown in Figure 28-2
on page 297.
30.9.9
Programming Enable Register
The Programming Enable Register is a 16-bit register. The contents of this register is compared to the program-
ming enable signature, binary code 0b1010_0011_0111_0000. When the contents of the register is equal to the
programming enable signature, programming via the JTAG port is enabled. The register is reset to 0 on Power-on
Reset, and should always be reset when leaving Programming mode.
Figure 30-14. Programming Enable Register
30.9.10
Programming Command Register
The Programming Command Register is a 15-bit register. This register is used to serially shift in programming
commands, and to serially shift out the result of the previous command, if any. The JTAG Programming Instruction
Set is shown in Table 30-18 on page 347. The state sequence when shifting in the programming commands is
illustrated in Figure 30-16 on page 350.
TDI
TDO
D
A
T
A
=
DQ
ClockDR & PROG_ENABLE
Programming Enable
0xA370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com