Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 379 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 379 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 375Page - Microchip Technology ATMEGA640 Datasheet HTML 376Page - Microchip Technology ATMEGA640 Datasheet HTML 377Page - Microchip Technology ATMEGA640 Datasheet HTML 378Page - Microchip Technology ATMEGA640 Datasheet HTML 379Page - Microchip Technology ATMEGA640 Datasheet HTML 380Page - Microchip Technology ATMEGA640 Datasheet HTML 381Page - Microchip Technology ATMEGA640 Datasheet HTML 382Page - Microchip Technology ATMEGA640 Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 436 page
background image
379
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
It is possible to calculate the typical current consumption based on the numbers from Table 32-1 on page 378 for
other VCC and frequency settings than listed in Table 32-2.
32.2.1.1
Example 1
Calculate the expected current consumption in idle mode with USART0, TIMER1, and TWI enabled at VCC = 2.0V
and F = 1MHz. From Table 32-2, third column, we see that we need to add 17% for the USART0, 24% for the TWI,
and 10% for the TIMER1 module. Reading from Figure 32-6 on page 376, we find that the idle current consumption
is ~0.15mA at VCC = 2.0V and F = 1MHz. The total current consumption in idle mode with USART0, TIMER1, and
TWI enabled, gives:
Table 32-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption compared to
Active with external clock
Additional Current consumption compared to
Idle with external clock
PRUSART3
3.0%
17%
PRUSART2
3.0%
17%
PRUSART1
3.0%
17%
PRUSART0
3.0%
17%
PRTWI
4.4%
24%
PRTIM5
1.8%
10%
PRTIM4
1.8%
10%
PRTIM3
1.8%
10%
PRTIM2
4.3%
23%
PRTIM1
1.8%
10%
PRTIM0
1.5%
8.0%
PRSPI
3.3%
18%
PRADC
4.5%
24%
ICCtotal 0.15mA
10.170.240.10
+++

0.227mA




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com