Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 102 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 102 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 98Page - Microchip Technology ATMEGA640 Datasheet HTML 99Page - Microchip Technology ATMEGA640 Datasheet HTML 100Page - Microchip Technology ATMEGA640 Datasheet HTML 101Page - Microchip Technology ATMEGA640 Datasheet HTML 102Page - Microchip Technology ATMEGA640 Datasheet HTML 103Page - Microchip Technology ATMEGA640 Datasheet HTML 104Page - Microchip Technology ATMEGA640 Datasheet HTML 105Page - Microchip Technology ATMEGA640 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 436 page
background image
102
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Notes: 1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at reset, see “Memory
Programming” on page 325.
2. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of the Boot Flash Section. The
address of each Interrupt Vector will then be the address in this table added to the start address of the Boot Flash
Section.
3. Only available in
ATmega640/1280/2560.
14.2 Reset and Interrupt Vector placement
Table 14-2 on page 103 shows Reset and Interrupt Vectors placement for the various combinations of BOOTRST
and IVSEL settings. If the program never enables an interrupt source, the Interrupt Vectors are not used, and reg-
ular program code can be placed at these locations. This is also the case if the Reset Vector is in the Application
section while the Interrupt Vectors are in the Boot section or vice versa.
31
$003C
EE READY
EEPROM Ready
32
$003E
TIMER3 CAPT
Timer/Counter3 Capture Event
33
$0040
TIMER3 COMPA
Timer/Counter3 Compare Match A
34
$0042
TIMER3 COMPB
Timer/Counter3 Compare Match B
35
$0044
TIMER3 COMPC
Timer/Counter3 Compare Match C
36
$0046
TIMER3 OVF
Timer/Counter3 Overflow
37
$0048
USART1 RX
USART1 Rx Complete
38
$004A
USART1 UDRE
USART1 Data Register Empty
39
$004C
USART1 TX
USART1 Tx Complete
40
$004E
TWI
2-wire Serial Interface
41
$0050
SPM READY
Store Program Memory Ready
42
$0052(3)
TIMER4 CAPT
Timer/Counter4 Capture Event
43
$0054
TIMER4 COMPA
Timer/Counter4 Compare Match A
44
$0056
TIMER4 COMPB
Timer/Counter4 Compare Match B
45
$0058
TIMER4 COMPC
Timer/Counter4 Compare Match C
46
$005A
TIMER4 OVF
Timer/Counter4 Overflow
47
$005C(3)
TIMER5 CAPT
Timer/Counter5 Capture Event
48
$005E
TIMER5 COMPA
Timer/Counter5 Compare Match A
49
$0060
TIMER5 COMPB
Timer/Counter5 Compare Match B
50
$0062
TIMER5 COMPC
Timer/Counter5 Compare Match C
51
$0064
TIMER5 OVF
Timer/Counter5 Overflow
52
$0066(3)
USART2 RX
USART2 Rx Complete
53
$0068(3)
USART2 UDRE
USART2 Data Register Empty
54
$006A(3)
USART2 TX
USART2 Tx Complete
55
$006C(3)
USART3 RX
USART3 Rx Complete
56
$006E(3)
USART3 UDRE
USART3 Data Register Empty
57
$0070(3)
USART3 TX
USART3 Tx Complete
Table 14-1.
Reset and Interrupt Vectors (Continued)
Vector No.
Program Address(2)
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com