Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 135 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 135 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 131Page - Microchip Technology ATMEGA640 Datasheet HTML 132Page - Microchip Technology ATMEGA640 Datasheet HTML 133Page - Microchip Technology ATMEGA640 Datasheet HTML 134Page - Microchip Technology ATMEGA640 Datasheet HTML 135Page - Microchip Technology ATMEGA640 Datasheet HTML 136Page - Microchip Technology ATMEGA640 Datasheet HTML 137Page - Microchip Technology ATMEGA640 Datasheet HTML 138Page - Microchip Technology ATMEGA640 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 436 page
background image
135
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
its value. The Timer/Counter is inactive when no clock source is selected. The output from the clock select logic is
referred to as the timer clock (clkTn).
The double buffered Output Compare Registers (OCRnA/B/C) are compared with the Timer/Counter value at all
time. The result of the compare can be used by the Waveform Generator to generate a PWM or variable frequency
output on the Output Compare pin (OCnA/B/C). See “Output Compare Units” on page 141. The compare match
event will also set the Compare Match Flag (OCFnA/B/C) which can be used to generate an Output Compare inter-
rupt request.
The Input Capture Register can capture the Timer/Counter value at a given external (edge triggered) event on
either the Input Capture pin (ICPn) or on the Analog Comparator pins (see “AC – Analog Comparator” on page
265). The Input Capture unit includes a digital filtering unit (Noise Canceler) for reducing the chance of capturing
noise spikes.
The TOP value, or maximum Timer/Counter value, can in some modes of operation be defined by either the
OCRnA Register, the ICRn Register, or by a set of fixed values. When using OCRnA as TOP value in a PWM
mode, the OCRnA Register can not be used for generating a PWM output. However, the TOP value will in this
case be double buffered allowing the TOP value to be changed in run time. If a fixed TOP value is required, the
ICRn Register can be used as an alternative, freeing the OCRnA to be used as PWM output.
17.2.2
Definitions
The following definitions are used extensively throughout the document:
17.3 Accessing 16-bit Registers
The TCNTn, OCRnA/B/C, and ICRn are 16-bit registers that can be accessed by the AVR CPU via the 8-bit data
bus. The 16-bit register must be byte accessed using two read or write operations. Each 16-bit timer has a single 8-
bit register for temporary storing of the high byte of the 16-bit access. The same Temporary Register is shared
between all 16-bit registers within each 16-bit timer. Accessing the low byte triggers the 16-bit read or write opera-
tion. When the low byte of a 16-bit register is written by the CPU, the high byte stored in the Temporary Register,
and the low byte written are both copied into the 16-bit register in the same clock cycle. When the low byte of a 16-
bit register is read by the CPU, the high byte of the 16-bit register is copied into the Temporary Register in the
same clock cycle as the low byte is read.
Not all 16-bit accesses uses the Temporary Register for the high byte. Reading the OCRnA/B/C 16-bit registers
does not involve using the Temporary Register.
To do a 16-bit write, the high byte must be written before the low byte. For a 16-bit read, the low byte must be read
before the high byte.
The following code examples show how to access the 16-bit timer registers assuming that no interrupts updates
the temporary register. The same principle can be used directly for accessing the OCRnA/B/C and ICRn Registers.
Note that when using “C”, the compiler handles the 16-bit access.
Table 17-1.
Definitions
BOTTOM
The counter reaches the BOTTOM when it becomes 0x0000.
MAX
The counter reaches its MAXimum when it becomes 0xFFFF (decimal 65535).
TOP
The counter reaches the TOP when it becomes equal to the highest value in the count
sequence. The TOP value can be assigned to be one of the fixed values: 0x00FF, 0x01FF, or
0x03FF, or to the value stored in the OCRnA or ICRn Register. The assignment is dependent of
the mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com