Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 167 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 167 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 163Page - Microchip Technology ATMEGA640 Datasheet HTML 164Page - Microchip Technology ATMEGA640 Datasheet HTML 165Page - Microchip Technology ATMEGA640 Datasheet HTML 166Page - Microchip Technology ATMEGA640 Datasheet HTML 167Page - Microchip Technology ATMEGA640 Datasheet HTML 168Page - Microchip Technology ATMEGA640 Datasheet HTML 169Page - Microchip Technology ATMEGA640 Datasheet HTML 170Page - Microchip Technology ATMEGA640 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 436 page
background image
167
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
19. Output Compare Modulator (OCM1C0A)
19.1 Overview
The Output Compare Modulator (OCM) allows generation of waveforms modulated with a carrier frequency. The
modulator uses the outputs from the Output Compare Unit C of the 16-bit Timer/Counter1 and the Output Compare
Unit of the 8-bit Timer/Counter0. For more details about these Timer/Counters see “Timer/Counter 0, 1, 3, 4, and 5
Prescaler” on page 164 and “8-bit Timer/Counter2 with PWM and Asynchronous Operation” on page 169.
Figure 19-1. Output Compare Modulator, Block Diagram
When the modulator is enabled, the two output compare channels are modulated together as shown in the block
diagram (see Figure 19-1).
19.2 Description
The Output Compare unit 1C and Output Compare unit 2 shares the PB7 port pin for output. The outputs of the
Output Compare units (OC1C and OC0A) overrides the normal PORTB7 Register when one of them is enabled
(that is, when COMnx1:0 is not equal to zero). When both OC1C and OC0A are enabled at the same time, the
modulator is automatically enabled.
The functional equivalent schematic of the modulator is shown on Figure 19-2. The schematic includes part of the
Timer/Counter units and the port B pin 7 output driver circuit.
Figure 19-2. Output Compare Modulator, Schematic
When the modulator is enabled the type of modulation (logical AND or OR) can be selected by the PORTB7 Reg-
ister. Note that the DDRB7 controls the direction of the port independent of the COMnx1:0 bit setting.
OC1C
Pin
OC1C /
OC0A / PB7
Timer/Counter 1
Timer/Counter 0
OC0A
PORTB7
DDRB7
DQ
DQ
Pin
COMA01
COMA00
DATABUS
OC1C /
OC0A/ PB7
COM1C1
COM1C0
Modulator
1
0
OC1C
DQ
OC0A
DQ
( From Waveform Generator )
( From Waveform Generator )
0
1
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com