Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 1 Page - Texas Instruments

  LP8733_V01 Datasheet HTML 1Page - Texas Instruments LP8733_V01 Datasheet HTML 2Page - Texas Instruments LP8733_V01 Datasheet HTML 3Page - Texas Instruments LP8733_V01 Datasheet HTML 4Page - Texas Instruments LP8733_V01 Datasheet HTML 5Page - Texas Instruments LP8733_V01 Datasheet HTML 6Page - Texas Instruments LP8733_V01 Datasheet HTML 7Page - Texas Instruments LP8733_V01 Datasheet HTML 8Page - Texas Instruments LP8733_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Output Current (A)
0.025
0.1
1
6
50
60
70
80
90
100
D420
1PH, Vin=3.7V, Vout=1.0V
1PH, Vin=3.7V, Vout=2.5V
2PH, Vin=3.7V, Vout=1.0V
2PH, Vin=3.7V, Vout=2.5V
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
1 ± 2
Outputs
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2018, Texas Instruments Incorporated
Configurable
multi-phase
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP8733
SNVSBK2 – SEPTEMBER 2019
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
1
1 Features
1
•
Device operating temperature range: –40°C to
+125°C ambient temperature
•
Input voltage: 2.8 V to 5.5 V
•
Two High-efficiency step-down DC/DC converters:
–
Output voltage: 0.7 V to 3.36 V
–
Maximum output current 3 A per phase
–
Auto phase adding/shedding and force multi-
phase operations in dual-phase configuration
–
Remote differential feedback voltage sensing
in dual-phase configuration
–
Programmable output-voltage slew rate from
0.5 mV/µs to 10 mV/µs
–
2-MHz switching frequency
–
Spread-spectrum mode and phase interleaving
for EMI reduction
•
Two Linear regulators:
–
Input voltage: 2.5 V to 5.5 V
–
Output voltage: 0.8 V to 3.3 V
–
Maximum output current 300 mA
•
Configurable general-purpose output signals
(GPO, GPO2)
•
Interrupt function with programmable masking
•
Programmable power-good signal (PGOOD)
•
Output short-circuit and overload protection
•
Overtemperature warning and protection
•
Overvoltage protection (OVP) and undervoltage
lockout (UVLO)
•
28-pin, 5-mm × 5-mm VQFN package with
wettable flanks
Simplified Schematic
2 Applications
•
Industrial Applications
•
Industrial Appliances
•
Test & Measurement
3 Description
The LP8733xx is designed to meet the power
management requirements in industrial applications.
The device has two step-down DC/DC converters
which can be configured as a single dual-phase
regulator or two single-phase regulators, two linear
regulators, and two general-purpose digital-output
signals. The device is controlled by an I2C-compatible
serial interface and by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
together with the automatic phase adding/shedding
gives high efficiency over a wide output-current
range.
The
LP8733xx
supports
remote
voltage
sensing (differential in dual-phase configuration) to
compensate IR drop between the regulator output
and the point-of-load (POL), thus improving the
accuracy of the output voltage. In addition, the
switching clock can be forced to PWM mode and also
synchronized to an external clock to minimize the
disturbances.
The LP8733xx device supports programmable start-
up and shutdown delays and sequences including
GPO signals synchronized to the enable signal.
During start-up and voltage change, the device
controls the output slew rate to minimize output
voltage overshoot and the in-rush current.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP8733xx
VQFN (28)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DC/DC Efficiency vs Output Current


Similar Part No. - LP8733_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8733 TI-LP8733_V02 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI-LP8733_V03 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733_V04 Datasheet
3Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI1-LP8733_V05 Datasheet
3Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
More results

Similar Description - LP8733_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220-Q1 TI1-LP873220-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI-LP8733-Q1_V01 Datasheet
6Mb / 85P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V02 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733-Q1 TI-LP8733-Q1_V02 Datasheet
2Mb / 86P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733_V03 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733_V04 Datasheet
3Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com