Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 18Page - Texas Instruments LP8733_V01 Datasheet HTML 19Page - Texas Instruments LP8733_V01 Datasheet HTML 20Page - Texas Instruments LP8733_V01 Datasheet HTML 21Page - Texas Instruments LP8733_V01 Datasheet HTML 22Page - Texas Instruments LP8733_V01 Datasheet HTML 23Page - Texas Instruments LP8733_V01 Datasheet HTML 24Page - Texas Instruments LP8733_V01 Datasheet HTML 25Page - Texas Instruments LP8733_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
24 MHz
RC
Oscillator
CLKIN
Divider
´(;7
_CLK
_)5(4´
PLL
Divider
24
CLKIN
Detector
Clock Select
Logic
Internal
24 MHz
clock
1 MHz
1 MHz
´(1
_3//´
24 MHz
22
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
The SYNC_CLK_INT interrupt in the INT_TOP_1 register is also generated in cases where the external clock is
expected but is not available. These cases occur when EN_PLL is 1 during start-up (read OTP-to-standby
transition) and during Buck regulator enable (standby-to-active transition).
Figure 12. Clock and PLL Module
Table 2. PLL Operation
DEVICE
OPERATION MODE
EN_PLL
PLL AND CLOCK
DETECTOR STATE
INTERRUPT FOR
EXTERNAL CLOCK
CLOCK
STANDBY
0
Disabled
No
Internal RC
ACTIVE
0
Disabled
No
Internal RC
STANDBY
1
Enabled
When external clock
appears or disappears
Automatic change to external
clock when available
ACTIVE
1
Enabled
When external clock
appears or disappears
Automatic change to external
clock when available
7.3.3 Low-Dropout Linear Regulators (LDOs)
The LP8733xx device includes two identical linear regulators, LDO0 and LDO1, which target analog loads with
low noise requirements. The LDO regulators deliver 0.8-V to 3.3-V regulated voltage rails from a 2.5-V to 5.5-V
input voltage. Both regulators have dedicated inputs which can be higher or lower than the device system voltage
V(VANA) to minimize the power dissipation.
7.3.4 Power-Up
The power-up sequence for the LP8733xx is as follows:
•
The VANA and VIN_Bx reach minimum recommended levels (VVANA > VANAUVLO). This initiates power-on-
reset (POR), OTP reading, and enables the system I/O interface. The I2C host should allow at least 1.2 ms
before writing or reading data to the LP8733xx.
•
The device enters standby mode.
•
The host can change the default register setting by I2C if needed.
•
The regulators can be enabled and disabled.
•
The GPO signals can be controlled by the EN pin and the I2C interface.
Transitions between the operating modes are shown in Modes of Operation.
7.3.5 Regulator Control
7.3.5.1 Enabling and Disabling Regulators
The regulators can be enabled when the device is in STANDBY or ACTIVE state. There are two ways to enable
and disable the buck regulators:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com