Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 83 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 83 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 78Page - Texas Instruments LP8733_V01 Datasheet HTML 79Page - Texas Instruments LP8733_V01 Datasheet HTML 80Page - Texas Instruments LP8733_V01 Datasheet HTML 81Page - Texas Instruments LP8733_V01 Datasheet HTML 82Page - Texas Instruments LP8733_V01 Datasheet HTML 83Page - Texas Instruments LP8733_V01 Datasheet HTML 84Page - Texas Instruments LP8733_V01 Datasheet HTML 85Page - Texas Instruments LP8733_V01 Datasheet HTML 86Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
C
28X
0.3
0.2
3.4 0.1
28X
0.65
0.45
1 MAX
(0.2) TYP
0.05
0.00
24X 0.5
4X
3
A
5.1
4.9
B
5.1
4.9
0.1 MIN
(0.05)
VQFN - 1 mm max height
RHD0028W
PLASTIC QUAD FLATPACK - NO LEAD
4222120/B 02/2018
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
7
15
21
8
14
28
22
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.500
A-A 25.000
SECTION A-A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com