Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 27 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 23Page - Texas Instruments LP8733_V01 Datasheet HTML 24Page - Texas Instruments LP8733_V01 Datasheet HTML 25Page - Texas Instruments LP8733_V01 Datasheet HTML 26Page - Texas Instruments LP8733_V01 Datasheet HTML 27Page - Texas Instruments LP8733_V01 Datasheet HTML 28Page - Texas Instruments LP8733_V01 Datasheet HTML 29Page - Texas Instruments LP8733_V01 Datasheet HTML 30Page - Texas Instruments LP8733_V01 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
EN
EN_BUCK0
EN
1 ms
3 ms
EN_BUCK1
1 ms
4 ms
EN_BUCK0
EN_BUCK1
3 ms
1 ms
1 ms
4 ms
Typical sequence
Sequence with short EN low and high periods
Startup cntr
Shutdown cntr
0
0
1
0
0
1
0
1
2
3
4
5
6
0
0
1
2 0
1
2
3
4
5
27
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
In the same way, the LDO regulator is selected for delayed control with:
•
The LDOx_EN = 1 in the LDOx_CTRL register
•
The LDOx_EN_PIN_CTRL = 1 in the LDOx_CTRL register
•
The LDOx_VSET[4:0] bits in the LDOx_VOUT register defines the voltage when the EN pin is high
•
The
delay
from
the
rising
edge
of
the
EN
pin
to
the
regulator
enable
is
set
by
the
LDOx_STARTUP_DELAY[3:0] bits in the LDOx_DELAY register.
•
The
delay
from
the
falling
edge
of
the
EN
pin
to
the
regulator
disable
is
set
by
the
LDOx_SHUTDOWN_DELAY[3:0] bits in the LDOx_DELAY register.
The GPO and GPO2 digital output signals can be also controlled as a part of start-up and shutdown sequencing
with the following settings:
•
GPOx_EN = 1 in GPO_CTRL register
•
GPOx_EN_PIN_CTRL = 1 in GPO_CTRL register
•
The delay from the rising edge of the EN pin to the rising edge of the GPO or GPO2 signal is set by the
GPOx_STARTUP_DELAY[3:0] bits in the GPOx_DELAY register.
•
The delay from the falling edge of the EN pin to the falling edge of the GPO or GPO2 signal is set by the
GPOx_SHUTDOWN_DELAY[3:0] bits in the GPOx_DELAY register.
An example of the start-up and shutdown sequences for the buck regulators are shown in Figure 16. The start-up
and shutdown delays for the Buck0 regulator are 1 ms and 4 ms, and for the Buck1 regulator the start-up and
shutdown delays are 3 ms and 1 ms. The delay settings are only used for enable or disable control with the EN
signal.
Figure 16. Start-Up and Shutdown Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com