Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD301B Datasheet(PDF) 27 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 27 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 23Page - Microchip Technology UPD301B Datasheet HTML 24Page - Microchip Technology UPD301B Datasheet HTML 25Page - Microchip Technology UPD301B Datasheet HTML 26Page - Microchip Technology UPD301B Datasheet HTML 27Page - Microchip Technology UPD301B Datasheet HTML 28Page - Microchip Technology UPD301B Datasheet HTML 29Page - Microchip Technology UPD301B Datasheet HTML 30Page - Microchip Technology UPD301B Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 27
UPD301B/C
The VBUS Match Register (VBUS_MATCH) indicates when the value on
VBUS_DET_IN is higher than the correspond-
ing programmed threshold and can therefore be used to determine if VBUS is in the desired range.
A change in the state of the VBUS match may trigger assertion of the
IRQ_N pin if appropriately configured.
4.4
Baseband CC Interface (BCI)
The device integrates a Baseband CC Interface (BCI) to facilitate USB Power Delivery communication. This module
bridges between the PD MAC/BMC and the analog front end. Baseband communication is initiated by the PD MAC,
which interfaces to the BCI. The BCI implements the digital functions required to control TX baseband components.
4.4.1
BASEBAND TX DATA-FLOW
The key responsibility of the BCI is to generate the wave form required for baseband communication. To this end, the
BMC has a group of eight registers that define the Lo-Hi and Hi-Lo transitions for the generated BMC signal.
When instructed to transition from Lo-Hi, the BCI steps through all BB TX Rise Registers. Likewise when instructed to
transition from Hi-Lo, the BCI steps through all BB TX Fall Registers
APPLICATION NOTE: The user may replicate values if it is desired to use less than twelve unique values for this
purpose.
4.4.2
BASEBAND RX DATA-FLOW
Baseband RX data is received by the BCI from the RX analog front end where it is compared to a threshold programmed
by software. The CC RX DAC Value defines the trip point used for reception of baseband data. The field shall be pro-
grammed to be 175 mV below the RX Eye center, as defined in the PD Specification for the mode in which the device
is operating (Sourcing Power, Sinking Power, Power Neutral).
4.5
Power Delivery MAC
The PD MAC implements certain features of the protocol layer and physical layer of the Universal Serial Bus Power
Delivery Specification. On one end the PD MAC interfaces to the software implementing the bulk of protocol and higher
level layers and on the other end it interfaces to a BMC encoder / decoder module.
In addition to the normal TX and RX functions, the PD MAC implements the test mode logic defined in the USB PD
specification (BIST).
The PD MAC supports the following features:
• Automatic TX Mode for packet framing and CRC32 insertion.
• Raw TX Mode for bit level packet control.
• Automatic GoodCRC response to received messages.
• Automatic BIST Error Count Message in BIST RX Mode.
• GoodCRCTimer implementation.
• Automatic retries with programmable retry count.
• Redundant receive packets automatically dropped in auto response mode.
• 74 byte TX queue.
• 128 byte RX queue.
• Programmable TX Bit-time. Allows for changing operating frequency.
• Programmable preamble length.
• BIST TX and RX logic.
• Programmable TX and RX queue modes - buffer mode and FIFO mode.
• CRC32 generator for TX.
• CRC32 calculator and comparator for RX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com