Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD301B Datasheet(PDF) 16 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 16 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 12Page - Microchip Technology UPD301B Datasheet HTML 13Page - Microchip Technology UPD301B Datasheet HTML 14Page - Microchip Technology UPD301B Datasheet HTML 15Page - Microchip Technology UPD301B Datasheet HTML 16Page - Microchip Technology UPD301B Datasheet HTML 17Page - Microchip Technology UPD301B Datasheet HTML 18Page - Microchip Technology UPD301B Datasheet HTML 19Page - Microchip Technology UPD301B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
UPD301B/C
DS00003412A-page 16
2020 Microchip Technology Inc.
3.2
Pin Descriptions
This sections details the functions of the various device signals.
TABLE 3-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB Type-C™
Configuration
Channel 1
CC1
AIO
Configuration Channel (CC) used in the discovery, configu-
ration and management of connections across a USB
Type-C cable. (CC1 in UPD350)
Configuration
Channel 2
CC2
AIO
Configuration Channel (CC) used in the discovery, configu-
ration and management of connections across a USB
Type-C cable. (CC2 in UPD350)
VBUS
Detection
VBUS_DET_IN
AIO
Scaled down version of VBUS input used for VBUS detec-
tion. Tie this signal to VBUS via a resistor divider.
(VBUS_DET in UPD350)
SPI Interface
SPI Clock
SPI_CLK
IS
SPI clock. The maximum supported SPI clock frequency is
8 MHz. (SPI_CLK in UPD350 and PA09 in SAMD20)
SPI Data
Master In /
Slave Out
SPI_MISO
I/O8
SPI data master in, slave out.
(SPI_DO in UPD350 and PA08 in SAMD20)
SPI Data
Master Out /
Slave In
SPI_MOSI
O2
SPI data master out / slave in. This pin must be connected
to
SPI_MOSI_SI for proper operation. (PA11 in SAMD20)
SPI Data
Slave In
SPI_MOSI_SI
IS
SPI data slave in. This pin must be connected to
SPI_MOSI
for proper operation.
(SPI_DI in UPD350 and PA07 in SAMD20)
SPI Chip
Enable 0
SPI_SS0
IS
Active low SPI chip enable input for UPD301B/C.
(SPI_CS_N in UPD350 and PA10 in SAMD20)
SPI Interrupt 0
SPI_IRQ_N0
I
SPI interrupt indicating request for service from optional
external UPD350.
(IRQ_N in UPD350 and PA14 in SAMD20)
Serial Wire Debug Interface
Serial Wire
Debug Clock
SWCLK
IS
Serial wire debug clock.
(PA30 in SAMD20)
Serial Wire
Debug Data
SWDIO
I/O
Serial wire debug bidirectional data.
(PA31 in SAMD20)
Miscellaneous
System Reset
Input
RESET_N_IN
I
Active low SAMD20 system reset input. This reset is used
for reset of the SAMD20 portion of the UPD301B/C by a
companion MCU. (RESET in SAMD20)
System Reset
Common
RESET_N_COM
IS
Active low UPD350 system reset input. This reset is used
for reset of the UPD350 portion of the UPD301B/C by a
companion MCU. (RESET_N in UPD350)
General Purpose I/Os
Misc.
SAMD20E I/O
PA00, PA01, PA02, PA03,
PA04, PA05, PA06, PA15,
PA16, PA17, PA18, PA19,
PA22, PA23, PA27, PA28
I/O
Refer to SAMD20E Datasheet for pin function, peripheral
detail, and characteristics.
(PAxx in SAMD20)
Note:
PA18, PA19, PA22, PA23, and PA27 are multi-
plexed with UPD350 GPIOs. Refer to Table 3-1
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com