Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD301B Datasheet(PDF) 11 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 11 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 7Page - Microchip Technology UPD301B Datasheet HTML 8Page - Microchip Technology UPD301B Datasheet HTML 9Page - Microchip Technology UPD301B Datasheet HTML 10Page - Microchip Technology UPD301B Datasheet HTML 11Page - Microchip Technology UPD301B Datasheet HTML 12Page - Microchip Technology UPD301B Datasheet HTML 13Page - Microchip Technology UPD301B Datasheet HTML 14Page - Microchip Technology UPD301B Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 11
UPD301B/C
2.3.5
DUAL ROLE POWER/DATA APPLICATION (HIGH VOLTAGE SOURCE, 5V @ 0A SINK)
(UPD301C ONLY)
An example of a PD docking port is shown in Figure 2-5. In this example a battery powered mobile device, such as a
notebook, smart-phone, or tablet may connect to the docking PD port and receive a charge, access the USB device
tree, and drive an external video display through a single Type-C connection. A cross-bar switch is shown for routing
DisplayPort Alternate Mode and USB3 data to the connector, allowing port expansion and video display.
Additional notes on Dual Role Power/Data (High Voltage Source, 5V @ 0A Sink) Applications:
• While a PD docking port may technically resolve into a power sink role, a typical PD dock will not attempt to sink
any power while operating as a power sink. This type of operation may be referred to a “5V @ 0A Sink”.
• When the port is operating as a power sink/data UFP, the USB Device/Hub Upstream Port block is not required to
support USB Host/Hub Downstream Port operation.
• A Power Source Load Switch device is necessary, as the DC-DC converters bulk capacitance must be isolated
from VBUS when the port is operating as a 5V @ 0A Sink.
• USB3 operation is optional for PD docking ports.
• DisplayPort support is optional for PD docking ports.
• If an Alternate Mode such as DisplayPort is supported, a Billboard device must also be included within the system
and be exposed following an Alternate Mode negotiation failure (A Billboard device may optionally be connected
at all times and communicate a successful Alternate Mode connection, but this is optional).
• If both USB3 and DisplayPort operation are omitted, the crossbar data switch is not necessary.
• USB2 signals may be connected directly to the Type-C connector; a multiplexer is not necessary as long as the
USB2 signal layout is carefully managed to keep branches to a minimum.
FIGURE 2-5:
SYSTEM BLOCK DIAGRAM - DUAL ROLE POWER/DATA APPLICATION
(HIGH VOLTAGE SOURCE, 5V @ 0A SINK)
Microchip
UPD301C
CC1
CC2
VBUS
60W Load 
Switch
DC In
Control I/O
(GPIO, DAC, 
or I
2C)
Power Source
Load Switch
DC‐DC 
Converter
VBUS_DET
POWER
RESET
Fault Indicator
USB Device / 
Hub Upstream 
Port
USB3
X‐Bar 
Data 
Mux
USB2
DP
To Display Scalar/HDMI 
Conversion IC/
DisplayPort MST Hub/
DisplayPort Connector/
etc.
ORIENTATION
USB Billboard 
Device
BB Control
USB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com