Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ1060L36T Datasheet(PDF) 7 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NFAQ1060L36T Datasheet HTML 3Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 4Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 5Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 6Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 7Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 9Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 10Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
EVBUM2709/D
www.onsemi.com
7
Interleaved PFC Stage
In higher power applications to utilize full capacity power
of mains and reduce harmonics is PFC−regulators generally
required. This high power application use interleaved PFC
stages, where may reduce inductor size, input and output
capacitors ripple current. In overall, power components are
smaller include capacitors. The NCP1632 as voltage mode
IC for interleaved PFC applications used in conduction
critical mode. It drives two mosfets 180
° phase shifted. The
most important at design should be focused significant
inductance value of selected PFC coils. It significantly
specifies working range.
Figure 5 depicts schematic from rectifier input to DC link
output. Activation of stage (connection to 15 V DC power
supply) is via J2 (soldered pads).
Figure 5. Schematic of interleaved PFC stage
C4
R6
3M9
R12
3M9
R17
3M9
R21
3M9
R22
120k
C7
330 nF
G_PFC G_PFC
R8
1M8
R15
1M8
R19
820k
R23
27k
C8
1 nF
G_PFC
R9
1M8
R16
1M8
R20
560k
R24
27k
G_PFC
C9
1 nF
ZCD2 1
FB 2
RT
3
OSC
4
VC
5
BO
7
OVP 8
Latch 10
DRV2 11
VCC
12
DRV1 14
REF5V
15
ZCD1 16
control
blocks
U1
NCP1632
R18
11k5
R37
143k
R33
270k
R34
5k1
C13
68 pF
C15
1 nF
G_PFC
R35
15k
C11
C12
220 nF
G_PFC
R32
22k
R36
22k
D9
MMSD4148T1G
C14
470 nF
R10
22k
R11
22k
D1
1N5406RLG
Q1
FCPF125N65S3
Q2
MMBT589LT1G
D3
MMSD4148T1G
R7
10R
R14
0R
R13
10k
G_PFC
R26
1k8
R31
0R075
R30
0R075
D8
NTSS3100
G_PFC
R27
1k
D6
SMF15AT1G
C10
10 nF
C5
100 nF
Q3
FCPF125N65S3
Q4
MMBT589LT1G
D7
MMSD4148T1G
R25
10R
R29
0R
R28
10k
G_PFC
D2
FFSPF1065A
D5
FFSPF1065A
5
2
8
3
TR1
750314724
5
2
8
3
TR2
750314724
C3
100 nF
G_PFC
C6
DC_LINK
J2
AC_L
AC_N
15VDC
G_PFC
G_PFC
G_PFC
G_PFC
G_PFC
G_PFC
C42
G_PFC
15VDC
TP1
TP22
TP24
TP25
TP26
TP23
TP27
DCLINK_POS
D4
GBU6K
TP28
PHASE_PFC_IN
NEUTRAL_PFC_IN
DC_PFC_IN
i
DC_IN
i DC_IN
i DC_IN
DCLINK_POS
1
mF
100
mF
2
m2
470
mF
5 V reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com