Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ1060L36T Datasheet(PDF) 12 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NFAQ1060L36T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 9Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 10Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 11Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 12Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 13Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 14Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 15Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
EVBUM2709/D
www.onsemi.com
12
Auxiliary 15 V Power Supply
The NCP1063 is used as converter 390 V to 15 V output
to supply PFC, IPM and Control board (Arduino Due). The
maximal power delivered is up to 4.6 W. Figure 13 depicts
schematic of 15 V auxiliary power supply. Figure 14 shows
startup of the converter.
Figure 13. Schematic of Auxiliary 15V Power Supply
DC_LINK
D15
MMSD4148T1G
L2
L1
1 mH
D17
MURA160T3G
D14
MRA4007T3G
C35
100 nF
C36
C1
DRAIN
8
DRAIN
7
COMP
5
GND
1
VCC
2
LIM/OPP
3
FB
4
block
9V reg
2.7 V
Vref
+
−
OTA
control
IC1
NCP1063AP60
G_PFC
G_PFC
G_PFC
G_PFC
C39
C40
G_PFC
C41
150 nF
R51
15k
G_PFC
R48
56k
R50
15k
R49
15k
C38
47 nF
D16
MURA160T3G
C37
330 nF
G_PFC
G_PFC
C2
100 nF
15VDC
15VDC
TP21
TP20
DCLINK_POS
TP3
R47
10
mF
470
mH
220
mF
220
mF
10
mF
9 V reg
Figure 14. Start Up to Open Circuit, to 50 mA and to 300 mA at 390 V DC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com