Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ1060L36T Datasheet(PDF) 1 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 1 Page - ON Semiconductor

  NFAQ1060L36T Datasheet HTML 1Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 2Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 3Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 4Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 5Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 6Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 7Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2019
February, 2020 − Rev. 2
1
Publication Order Number:
EVBUM2709/D
EVBUM2709/D
Compact Intelligent Power
Module Based Motor
Evaluation Board with
Interleaved Power Factor
Correction
This User Guides refers to revision 0.4 of the
SECO−1KW−MCTRL−GEVB evaluation board.
Description
This user guide provides practical guidelines for compact
Intelligent Power Module (IPM) evaluation board with
interleaved
power
factor
Correction
(PFC)
SECO−1KW−MCTRL−GEVB including its main features
and key data. The evaluation board is a complex solution
which allows to control different types of motors (AC
induction motor, PMSM, BLDC) by using various control
algorithms implemented to microcontroller which can be
connected via Arduino Due headers. The board was
developed to support customers during their first steps
designing application with IPM and PFC.
The design was tested as described in this document but
not
qualified
regarding
safety
requirements
or
manufacturing and operation over the whole operating
temperature range or lifetime. The board is intended for
functional testing under laboratory conditions and by
trained specialists only.
Collateral
• SECO−1KW−MCTRL−GEVB
• NFAQ1060L36T
• NCP1632
• FCPF125N65S3
• NCP1063
• NCS2003
• NCS2250
Features
• 850 W complete motor control solution with AC mains
supply 230 Vrms
±15 %, EMI filter, 2−channel
interleaved Power Factor Correction (PFC)
• Highly integrated power module NFAQ1060L36T
containing an inverter power stage for a high voltage
3−phase inverter in a DIP−S3 package
• PFC stage using NCP1632 controller, FCPF125N65S3
NMOS power transistors and FFSPF1065A diodes
• DC/DC converter producing auxiliary power supply
15VDC – non−isolated buck converter using NCP1063
• 3 phase current measurement using 3xNCS2003
operational amplifier
• Over current protection using NCS2250 comparator
Attention: The SECO−1 kW−MCTRL−GEVB is powered by AC Mains, and exposed to high voltage. Only trained
personnel should manipulate and operate on the system. Ensure that all boards are properly connected before
powering, and that power is off before disconnecting any boards. It is mandatory to read the Safety Precautions
section before manipulating the board. Failure to comply with the described safety precautions may result in
personal injury or death, or equipment damage.
www.onsemi.com
EVAL BOARD USER’S MANUAL


Similar Part No. - NFAQ1060L36T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
More results

Similar Description - NFAQ1060L36T

ManufacturerPart #DatasheetDescription
logo
Sensitron
PFCM-1500C SENSITRON-PFCM-1500C Datasheet
198Kb / 5P
NON-HERMETIC POWER FACTOR CORRECTION MODULE
PFCM-1500M SENSITRON-PFCM-1500M Datasheet
196Kb / 5P
HERMETIC POWER FACTOR CORRECTION MODULE
logo
Bi technologies
7700 BITECH-7700 Datasheet
87Kb / 8P
Power Factor Correction Power Module
7720 BITECH-7720 Datasheet
59Kb / 4P
Power Factor Correction Module
logo
Powersem GmbH
PSBI9 POWERSEM-PSBI9 Datasheet
291Kb / 2P
Rectifier Module for Power Factor Correction
PSBI30 POWERSEM-PSBI30 Datasheet
127Kb / 2P
Rectifier Module for Power Factor Correction
logo
Bi technologies
7720-1A BITECH-7720-1A Datasheet
60Kb / 4P
Power Factor Correction Module
7700B BITECH-7700B Datasheet
87Kb / 8P
Power Factor Correction Power Module
logo
Astrodyne Corporation
PFC-375 ASTRODYNE-PFC-375 Datasheet
546Kb / 7P
Univerter짰 Power Factor Correction Module
logo
IXYS Corporation
VUM33-06PH IXYS-VUM33-06PH Datasheet
344Kb / 8P
Module for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com