Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ1060L36T Datasheet(PDF) 17 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NFAQ1060L36T Datasheet HTML 13Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 14Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 15Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 16Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 17Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 18Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 19Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 20Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
EVBUM2709/D
www.onsemi.com
17
Control Board Headers
Schematic of control board headers can be seen in the
Figure 19. The headers have Arduino Due footprint. The
applied control board has to contain 3V3 power supply as it
is also used for supplying current measurement op amps and
comparator for over−current protection. Low pass filters for
current and voltage measurement signals are placed closed
to the headers (see CON4). When connecting the control
board to the PC, do not forget to use isolator.
Figure 19. Schematic of Control Board Headers
1
4
2
5
3
6
7
8
CON6
1
4
2
5
3
6
7
8
CON7
IPM CONTROL
LBU
HBU
HBV
LBV
HBW
LBW
ENABLE
IPM_CTRL
IPM_SENSE
V_DCLINK
TEMPERATURE
FAULT
IPM_SENSE
3V3
1
2
3
4
6
8
10
12
14
16
5
7
9
11
13
15
17
19
18
20
21
22
23
24
26
28
30
32
34
36
25
27
29
31
33
35
CON3
15VDC
G_IPM
R63
1k
R64
1k
R65
1k
R66
1k
C47
1 nF
C46
470 pF
C45
470 pF
C44
470 pF
G_IPM
G_IPM
G_IPM
G_IPM
1
4
2
5
3
6
7
8
CON4
I_SENSE
I_V
I_W
I_U
I_SENSE
3V3
FAULT
TEMPERATURE
V_DCLINK
G_IPM
Layout
Evaluation board consist of 4 layers. Following figures
are showing all the layers. Board size is 280x112 mm.
Figure 20. Top Layer Routing and Top Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com