Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40DN Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 40DN
Description  Digital Panel Meters 40 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DN Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  40DN Datasheet HTML 1Page - M-System Co.,Ltd. 40DN Datasheet HTML 2Page - M-System Co.,Ltd. 40DN Datasheet HTML 3Page - M-System Co.,Ltd. 40DN Datasheet HTML 4Page - M-System Co.,Ltd. 40DN Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: 40DN
40DN SPECIFICATIONS
ES-9534 Rev.9 Page 3/5
https://www.m-system.co.jp/
PARAMETER LIST
■ SCALING SETTING MODE
...
...
PARAMETER
Display Scaling Value A
Display Scaling Value B
Decimal Point Position
3 positions or none
Decimal point position
FUNCTION
DEFAULT
VALUE
DISPLAY
Display value for 20 mA input
Display value for 4 mA input
To distinguish from B, the first decimal
point is blinking.
A
4mA
(0%)
20mA
(100%)
4mA
(0%)
20mA
(100%)
B
Display
Input
Display Scaling
B
A
Display
Input
Display Scaling
• Normal Scaling
The display value increases when
the input signal increases.
• Inverted Scaling
The display value decreases when
the input signal increases.
The decimal point position can be set to any digit. Set it according to the 100% value.
■ DISPLAY SETTING MODE
PARAMETER
Moving Average
Brightness
Initialization
Non-initialization
Brightness level 1 (dark)
Moving average with 2 samples
Brightness level 3 (bright)
Brightness level 2
No moving averaging
FUNCTION
DEFAULT
VALUE
DISPLAY
Initialize settings (change to factory settings) *1
Version Indication
Version number, indication only
–
–
Moving average with 4 samples
Moving average with 8 samples
*1. While “
” is shown, pressing Disp/
button or Scale/
button initializes settings.
Activating “initialization” , user’s specified parameters will be deleted and overwritten with the factory default values. Notice that after this,
Ex-factory settings will be irrecoverable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com