Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40DN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 40DN
Description  Digital Panel Meters 40 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  40DN Datasheet HTML 1Page - M-System Co.,Ltd. 40DN Datasheet HTML 2Page - M-System Co.,Ltd. 40DN Datasheet HTML 3Page - M-System Co.,Ltd. 40DN Datasheet HTML 4Page - M-System Co.,Ltd. 40DN Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 40DN
40DN SPECIFICATIONS
ES-9534 Rev.9 Page 2/5
https://www.m-system.co.jp/
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 160 g (0.35 lb)
PERFORMANCE
Accuracy: ±0.1 % rdg ±1 digit ("1 digit" is multiplied by
scaling-multiple. Even in case the scaling-multiple is less
than 1, multiply by 1.)
Temp. coefficient: ±(0.01 % rdg +0.3 digits)/℃
("0.3 digits" is multiplied by scaling-multiple. Even in case
the scaling-multiple is less than 1, multiply by 1.)
Scaling-multiple = | (Display Scaling Value B - Display
Scaling Value A) ÷ (default Display Scaling Value B - default
Display Scaling Value A) |
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
(2) Sticker Label
(1) Front Panel
(5) Disp/
Button
(3) 4-digit Display
(4) Polarity Indicator
(6) Scale/
Button
(8) Up Button
(7) Shift Button
■ COMPONENT IDENTIFICATION
No.
COMPONENT
FUNCTIONS
(1)
Front panel
Removed at configuration.
(2)
Sticker label
Engineering unit label position
(3)
4-digit display
4-digit LED display. Range: 0 to 9999 (not including decimal point)
(4)
Polarity indicator
Turns on when negative value is displayed
(5)
Used to move on to the display setting modes; or to shift through setting items in each
setting mode.
(6)
Used to move on to the scaling setting modes; or to shift through setting items in each set-
ting mode.
(7)
Shift button
Used to move on to the setting standby status and shift through display digits in each set-
ting item.
(8)
Up button
Used to select setting value.
Disp/ button
Scale/ button



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com