Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40DN Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 40DN
Description  Digital Panel Meters 40 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DN Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  40DN Datasheet HTML 1Page - M-System Co.,Ltd. 40DN Datasheet HTML 2Page - M-System Co.,Ltd. 40DN Datasheet HTML 3Page - M-System Co.,Ltd. 40DN Datasheet HTML 4Page - M-System Co.,Ltd. 40DN Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: 40DN
40DN SPECIFICATIONS
ES-9534 Rev.9 Page 5/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Controllor, etc.
4 – 20mA DC
2
1
+
INPUT
■ 4-WIRE CONNECTION EXAMPLE
+
– 2
1
INPUT
+
–
Two-wire Transmitter
Power
Source
Digital
Computation
A/D
Converter
Display /
Setting
9
10
7
8
3
5
6
4
+
+
–
–
–
I/P Positioner, etc.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com