Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40DN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 40DN
Description  Digital Panel Meters 40 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  40DN Datasheet HTML 1Page - M-System Co.,Ltd. 40DN Datasheet HTML 2Page - M-System Co.,Ltd. 40DN Datasheet HTML 3Page - M-System Co.,Ltd. 40DN Datasheet HTML 4Page - M-System Co.,Ltd. 40DN Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 40DN
40DN SPECIFICATIONS
ES-9534 Rev.9 Page 1/5
https://www.m-system.co.jp/
Digital Panel Meters 40 Series
LOOP POWERED DIGITAL PANEL METER
(4 digits, process meter)
Functions & Features
• 4 digit (±9999) loop powered panel meter
• No external power source needed
• Scaling function
• High visible, 0.8" (20.3 mm) high and bright LED
mm (inch)
96 (3.78)
48
(1.89)
96 (3.78)
MODEL: 40DN[1]
ORDERING INFORMATION
• Code number: 40DN[1]
Specify a code from below for [1].
(e.g. 40DN/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
INPUT
Current
4 – 20 mA DC
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9534)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection: M3 screw terminals (torque 0.6 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
A/D conversion: Σ – Δ
Sampling rate: 10 times/sec. (100 msec.)
Averaging: None or moving average
Setting: (Front button)
• Scaled range
• Moving average
• Brightness
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
DISPLAY
Display: 4 digits of 20.3 mm (0.8 inch) height, 7-segment,
red LED
Display range: -9999 to 9999
Scaling range for measurement range (4 - 20 mA): -9999 to
9999 counts
Decimal point position: 10-1, 10-2, 10-3 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: '-9999' or '9999' blinking for display
values out of the display range. 'S.ERR' blinks surpassing
the permissible range.
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ DC Current
Current range: Approx. 3.7 to 23 mA DC
Voltage drop: Approx. 5 V with 4 mA; approx. 5.2 V with 20
mA (Equivalent input impedance: Approx. 260 Ω)
(There is voltage drop generated by using the unit. For the
two-wire transmitter power supply, make sure that the
operable voltage for the two-wire transmitter is ensured
including the voltage drop by other devices and wiring
resistance.)


Similar Part No. - 40DN

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
40D DBLECTRO-40D Datasheet
992Kb / 2P
PRODUCT DESCRIPTIONS
40D DBLECTRO-40D Datasheet
1Mb / 2P
PRODUCT DESCRIPTIONS
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
40D YUANDEAN-40D Datasheet
353Kb / 3P
DC-DC Converter
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
High-Energy Varistors
More results

Similar Description - 40DN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
40DCT MSYSTEM-40DCT Datasheet
269Kb / 7P
Digital Panel Meters 40 Series
40DPT MSYSTEM-40DPT Datasheet
260Kb / 7P
Digital Panel Meters 40 Series
40DR MSYSTEM-40DR Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
40DT MSYSTEM-40DT Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com