Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD105BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 42Page - Analog Devices ADPD105BCPZ Datasheet HTML 43Page - Analog Devices ADPD105BCPZ Datasheet HTML 44Page - Analog Devices ADPD105BCPZ Datasheet HTML 45Page - Analog Devices ADPD105BCPZ Datasheet HTML 46Page - Analog Devices ADPD105BCPZ Datasheet HTML 47Page - Analog Devices ADPD105BCPZ Datasheet HTML 48Page - Analog Devices ADPD105BCPZ Datasheet HTML 49Page - Analog Devices ADPD105BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 46 of 66
The circuit shown in Figure 50 shows a synchronous ECG and
PPG measurement using the AD8233 and the ADPD105. The
AD8233 implements a two-pole high-pass filter with a cutoff
frequency at 0.3 Hz, and a two-pole low-pass filter with a cutoff
frequency of 37 Hz. The output of the AD8233 is fed to one of
the current inputs of the ADPD105 through a 50 kΩ resistor to
convert the voltage output of the AD8233 into a current.
The ADPD105 is configured to alternately measure the
photodiode signal and the ECG signal from the AD8233 on
consecutive timeslots to provide fully synchronized PPG and
ECG measurements. Data can be read out of the on-chip FIFO
or straight from data registers. The ADPD105 channel used to
process the ECG signal is set up in TIA ADC mode and the input
bias voltage must be set to the 0.90 V setting using Bits[5:4] of
Register 0x42 if the ECG signal is on Time Slot A, or Register 0x44
on Time Slot B. The TIA gain setting can be set to optimize the
dynamic range of the signal path. The channel used to process
the PPG signal is configured in its normal operating mode.
Figure 51 shows a plot of a synchronized ECG and PPG
measurement using the AD8233 with the ADPD105.
RL
RA
LA
1.8V
1.8V
+IN
–IN
HPDRIVE
+VS
HPSENSE
IAOUT
REFIN
GND
FR
AC/DC
SDN
LOD
RLD
RLDFB
OUT
OPAMP+
OPAMP–
REFOUT
SW
AD8233
6.8nF
1MΩ
1MΩ
250kΩ
2.7nF
100kΩ
180kΩ
180kΩ
1MΩ
10MΩ
10MΩ
0.1µF
10MΩ
1nF
10MΩ
10MΩ
0.1µF
360kΩ
4.7µF
TO DIGITAL
INTERFACE
4.7µF
RLD SDN
1.8V
50kΩ
PD3-4
PD1-2
PDC
LEDX1
VLED
VREF
1µF
AGND
DGND
LGND
0.1µF
0.1µF
DVDD
AVDD
1.8V
10kΩ 10kΩ
1.8V
SCL
SDA
GPIO0
GPIO1
TO DIGITAL
INTERFACE
ADPD105
Figure 50. Synchronized PPG and ECG Measurement Using ADPD105 with the AD8233
6000
6500
7000
7500
8000
8500
9000
9500
10000
50000
50500
51000
51500
52000
PPG
ECG
SAMPLE RATE (ms)
Figure 51. Plot of Synchronized ECG and PPG Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com