Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD105BCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 58Page - Analog Devices ADPD105BCPZ Datasheet HTML 59Page - Analog Devices ADPD105BCPZ Datasheet HTML 60Page - Analog Devices ADPD105BCPZ Datasheet HTML 61Page - Analog Devices ADPD105BCPZ Datasheet HTML 62Page - Analog Devices ADPD105BCPZ Datasheet HTML 63Page - Analog Devices ADPD105BCPZ Datasheet HTML 64Page - Analog Devices ADPD105BCPZ Datasheet HTML 65Page - Analog Devices ADPD105BCPZ Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 63 of 66
Address
Data
Bit
Default
Access
Name
Description
0x5F
[15:3]
0x0000
R/W
Reserved
Write 0x0000.
2
0x0
R/W
SLOTB_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding to
Time Slot B. Set this bit to ensure that unread data registers are not
updated, guaranteeing a contiguous set of data from all four photodiode
channels.
1: hold data registers for Time Slot B.
0: allow data register update.
1
0x0
R/W
SLOTA_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding to
Time Slot A. Set this bit to ensure that unread data registers are not
updated, guaranteeing a contiguous set of data from all four photodiode
channels.
1: hold data registers for Time Slot A.
0: allow data register update.
0
0x0
R/W
DIGITAL_CLOCK_ENA
Set to 1 in order to enable the 32 MHz clock when calibrating the 32 MHz
clock. Always disable the 32 MHz clock following the calibration by
resetting this bit to 0.
1 Clock speed setting is only relevant during digital integrate mode.
ADC REGISTERS
Table 34. ADC Registers
Address
Data
Bits
Default
Access
Name
Description
0x12
[15:0]
0x0028
R/W
FSAMPLE
Sampling frequency: fSAMPLE = 32 kHz/(Register 0x12, Bits[15:0] × 4).
For example, 100 Hz = 0x0050; 200 Hz = 0x0028.
0x15
[15:11]
0x00
R/W
Reserved
Write 0x0.
[10:8]
0x6
R/W
SLOTB_NUM_AVG
Sample sum/average for Time Slot B. Specifies the averaging factor, NB,
which is the number of consecutive samples that is summed and averaged
after the ADC. Register 0x70 to Register 0x7F hold the data sum. Register 0x64
to Register 0x6B and the data buffer in Register 0x60 hold the data average,
which can be used to increase SNR without clipping, in 16-bit registers.
The data rate is decimated by the value of the SLOTB_NUMB_AVG bits.
0: 1.
1: 2.
2: 4.
3: 8.
4: 16.
5: 32.
6: 64.
7: 128.
7
0x0
R/W
Reserved
Write 0x0.
[6:4]
0x0
R/W
SLOTA_NUM_AVG
Sample sum/average for Time Slot A. NA: same as Bits[10:8] but for
Time Slot A. See description in Register 0x15, Bits[10:8].
[3:0]
0x0
R/W
Reserved
Write 0x0.
0x18
[15:0]
0x2000
R/W
SLOTA_CH1_OFFSET
Time Slot A Channel 1 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x19
[15:0]
0x2000
R/W
SLOTA_CH2_OFFSET
Time Slot A Channel 2 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1A
[15:0]
0x2000
R/W
SLOTA_CH3_OFFSET
Time Slot A Channel 3 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1B
[15:0]
0x2000
R/W
SLOTA_CH4_OFFSET
Time Slot A Channel 4 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1E
[15:0]
0x2000
R/W
SLOTB_CH1_OFFSET
Time Slot B Channel 1 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com