Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD105BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 16Page - Analog Devices ADPD105BCPZ Datasheet HTML 17Page - Analog Devices ADPD105BCPZ Datasheet HTML 18Page - Analog Devices ADPD105BCPZ Datasheet HTML 19Page - Analog Devices ADPD105BCPZ Datasheet HTML 20Page - Analog Devices ADPD105BCPZ Datasheet HTML 21Page - Analog Devices ADPD105BCPZ Datasheet HTML 22Page - Analog Devices ADPD105BCPZ Datasheet HTML 23Page - Analog Devices ADPD105BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 20 of 66
TIME SLOT SWITCH
ADPD105 LFCSP Input Configurations
Up to eight photodiodes (PD1 to PD8) can be connected to the
ADPD105 in the LFCSP package. The photodiode anodes are
connected to the PD1 to PD8 input pins; the photodiode
cathodes are connected to the cathode pin, PDC. The anodes are
assigned in three different configurations depending on the
settings of Register 0x14 (see Figure 22, Figure 23, and Figure 21).
A switch sets which photodiode group is connected during Time
Slot A and Time Slot B. See Table 17 for the time slot switch
registers. It is important to leave any unused inputs floating for
proper operation of the devices. The photodiode inputs are
current inputs and as such, these pins are also considered to be
voltage outputs. Tying these inputs to a voltage may saturate the
analog block.
Register 0x14, PD1 to PD8 Input Configurations
CH1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 5
REGISTER 0x14[7:4] = 5
CH2
CH3
CH4
Figure 19. PD1 to PD4 Connection
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 4
REGISTER 0x14[7:4] = 4
CH1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
CH2
CH3
CH4
Figure 20. PD5 to PD8 Connection
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 1
REGISTER 0x14[7:4] = 1
CH1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
CH2
CH3
CH4
Figure 21. 2 to 1 PD Current Summation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com