Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD1081 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 1 Page - Analog Devices

  ADPD1081 Datasheet HTML 1Page - Analog Devices ADPD1081 Datasheet HTML 2Page - Analog Devices ADPD1081 Datasheet HTML 3Page - Analog Devices ADPD1081 Datasheet HTML 4Page - Analog Devices ADPD1081 Datasheet HTML 5Page - Analog Devices ADPD1081 Datasheet HTML 6Page - Analog Devices ADPD1081 Datasheet HTML 7Page - Analog Devices ADPD1081 Datasheet HTML 8Page - Analog Devices ADPD1081 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Photometric Front Ends
Data Sheet
ADPD1080/ADPD1081
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Multifunction photometric front end
Fully integrated AFE, ADC, LED drivers, and timing core
Enables ambient light rejection capability without the need
for photodiode optical filters
Three 370 mA LED peak current drivers
Flexible, multiple, short LED pulses per optical sample
20-bit burst accumulator enabling 20 bits per sample period
On-board sample to sample accumulator, enabling up to
27 bits per data read
Low power operation
SPI, I2C interface, and 1.8 V analog/digital core
Flexible sampling frequency ranging from 0.122 Hz to 2700 Hz
FIFO data operation
Qualified for automotive applications
APPLICATIONS
Wearable health and fitness monitors
Clinical measurements, for example, SpO2
Industrial monitoring
Background light measurements
GENERAL DESCRIPTION
The ADPD1080/ADPD1081 are highly efficient, photometric
front ends, each with an integrated 14-bit analog-to-digital
converter (ADC) and a 20-bit burst accumulator that works
with flexible light emitting diode (LED) drivers. The ADPD1080/
ADPD1081 stimulate an LED and measures the corresponding
optical return signal. The data output and functional configuration
occur over a 1.8 V I2C interface on the ADPD1080 or a serial
port interface (SPI) on the ADPD1081. The control circuitry
includes flexible LED signaling and synchronous detection.
The analog front end (AFE) features rejection of signal offset and
corruption due to modulated interference commonly caused by
ambient light without the need for optical filters or dc cancellation
circuitry that requires external control.
Couple the ADPD1080/ADPD1081 with a low capacitance
photodiode of <100 pF for optimal performance. The ADPD1080/
ADPD1081 can be used with any LED. The ADPD1080 is available
in a 16-ball, 2.46 mm × 1.4 mm WLCSP and a 28-lead, 4 mm ×
4 mm LFCSP. The SPI only version, ADPD1081, is available in
a 17-ball, 2.46 mm × 1.4 mm WLCSP.


Similar Part No. - ADPD1081

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD103 AD-ADPD103 Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCBZRL7 AD-ADPD103BCBZRL7 Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCPZ AD-ADPD103BCPZ Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCPZRL AD-ADPD103BCPZRL Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
More results

Similar Description - ADPD1081

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
logo
Analog Devices
AD7773 AD-AD7773 Datasheet
2Mb / 23P
LC MOS COMPLETE EMBEDDED SERVO FRONT ENDS FOR HDD
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
AD7773 AD-AD7773_15 Datasheet
1Mb / 23P
LC MOS COMPLETE EMVEDDED SERVO FRONT ENDS FOR HDD
REV. A
AD7775 AD-AD7775_15 Datasheet
1Mb / 23P
LC MOS COMPLETE EMBEDDED SERVO FRONT ENDS FOR HDD
REV. A
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
Photometric Sensor for Gesture and Proximity
REV. A
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com