Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD1081 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 8Page - Analog Devices ADPD1081 Datasheet HTML 9Page - Analog Devices ADPD1081 Datasheet HTML 10Page - Analog Devices ADPD1081 Datasheet HTML 11Page - Analog Devices ADPD1081 Datasheet HTML 12Page - Analog Devices ADPD1081 Datasheet HTML 13Page - Analog Devices ADPD1081 Datasheet HTML 14Page - Analog Devices ADPD1081 Datasheet HTML 15Page - Analog Devices ADPD1081 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 12 of 74
SPI Timing Specifications
DVDD = 1.7 V to 1.9 V, TA = −40°C to +85°C, unless otherwise noted.
Table 7.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SPI PORT
SPI Port available on ADPD1081 only
SCLK
Frequency
fSCLK
10
MHz
Minimum Pulse Width
High
tSCLKPWH
20
ns
Low
tSCLKPWL
20
ns
CS
Setup Time
t
CSS
CS setup to SCLK rising edge
10
ns
Hold Time
t
CSH
CS hold from SCLK rising edge
10
ns
Pulse Width High
t
CSPWH
CS pulse width high
10
ns
MOSI
Setup Time
tMOSIS
MOSI setup to SCLK rising edge
10
ns
Hold Time
tMOSIH
MOSI hold from SCLK rising edge
10
ns
MISO Output Delay
tMISOD
MISO valid output delay from SCLK falling edge
21
ns
SPI Timing Diagram
CS
tCSS
tMOSIS
tMOSIH
tMISOD
tSCLKPWH
tSCLKPWL
tCSH
tCSPWH
SCLK
MISO
MOSI
Figure 4. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com