Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD1081 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 14Page - Analog Devices ADPD1081 Datasheet HTML 15Page - Analog Devices ADPD1081 Datasheet HTML 16Page - Analog Devices ADPD1081 Datasheet HTML 17Page - Analog Devices ADPD1081 Datasheet HTML 18Page - Analog Devices ADPD1081 Datasheet HTML 19Page - Analog Devices ADPD1081 Datasheet HTML 20Page - Analog Devices ADPD1081 Datasheet HTML 21Page - Analog Devices ADPD1081 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 18 of 74
20
25
30
35
40
45
0
1
2
3 4
5
6
7
8
9 A B C D E F
LED FINE SETTING
Figure 14. LED Driver Current vs. LED Fine Setting (Coarse Setting = 0x0)
200
220
240
260
280
300
320
340
0
1
2
3 4
5
6
7
8
9 A B C D E F
LED FINE SETTING
Figure 15. LED Driver Current vs. LED Fine Setting (Coarse Setting = 0xF)
–40
–35
–30
–25
–20
–15
–10
–5
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 16. AC PSRR vs. Frequency for 75% Full-Scale Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com