Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD1081 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 16Page - Analog Devices ADPD1081 Datasheet HTML 17Page - Analog Devices ADPD1081 Datasheet HTML 18Page - Analog Devices ADPD1081 Datasheet HTML 19Page - Analog Devices ADPD1081 Datasheet HTML 20Page - Analog Devices ADPD1081 Datasheet HTML 21Page - Analog Devices ADPD1081 Datasheet HTML 22Page - Analog Devices ADPD1081 Datasheet HTML 23Page - Analog Devices ADPD1081 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 20 of 74
TIME SLOT SWITCH
ADPD1080 LFCSP Input Configurations
Up to eight photodiodes (PD1 to PD8) can be connected to
the ADPD1080 for the LFCSP. The photodiode anodes are
connected to the PD1 to PD8 input pins; the photodiode
cathodes are connected to the cathode pin, PDC. The anodes
are assigned in seven different configurations depending on the
settings of Register 0x14 (see Figure 18 through Figure 24).
Figure 18 through Figure 24 show multiple configurations
that can be used. The configuration selected depends on the
requirements of the application. Depending on the dynamic
range requirements of the application, 1-, 2-, or 4-channel
modes can be selected. There are also several modes where
input pins can be multiplexed together in cases where
photodiode currents must be summed.
See Table 16 for the time slot switch settings. It is important to
leave any unused inputs floating for proper operation of the
devices. The photodiode inputs are current inputs and as such,
these pins are considered voltage outputs. Tying these inputs to
a voltage saturates the analog block.
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 1
REGISTER 0x14[7:4] = 1
CH1
PD3
PD1
CH2
PD4
PD2
Figure 18. PD1 to PD4 Connections with Register 0x14, Bits[11:8] and
Bits[7:4] = 1 for the LFCSP
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 2
REGISTER 0x14[7:4] = 2
CH1
PD7
PD5
CH2
PD8
PD6
Figure 19. PD5 to PD8 Connections with Register 0x14, Bits[11:8] and
Bits[7:4] = 2 for the LFCSP
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 3
REGISTER 0x14[7:4] = 3
CH1
PD1
PD3
PD2
PD4
Figure 20. PD1 to PD4 Connections with Register 0x14, Bits[11:8] and
Bits[7:4] = 3 for the LFCSP
CH1
PD5
PD6
PD7
PD8
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 4
REGISTER 0x14[7:4] = 4
CH2
CH3
CH4
Figure 21. PD5 to PD8 Connections with Register 0x14, Bits[11:8] and
Bits[7:4] = 4 for the LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com