Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9004BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADRV9004BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9004BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRV9004BBCZ Datasheet HTML 22Page - Analog Devices ADRV9004BBCZ Datasheet HTML 23Page - Analog Devices ADRV9004BBCZ Datasheet HTML 24Page - Analog Devices ADRV9004BBCZ Datasheet HTML 25Page - Analog Devices ADRV9004BBCZ Datasheet HTML 26Page - Analog Devices ADRV9004BBCZ Datasheet HTML 27Page - Analog Devices ADRV9004BBCZ Datasheet HTML 28Page - Analog Devices ADRV9004BBCZ Datasheet HTML 29Page - Analog Devices ADRV9004BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Data Sheet
ADRV9004
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 26 of 92
The ADRV9004 supports a signal bandwidth from 12 kHz to 40 MHz. The bandwidth of 1 MHz is the boundary to distinguish between
narrow-band and wideband profiles. If the signal bandwidth is less than 1 MHz, it is considered a narrow-band profile. Otherwise, it is
considered a wideband profile. The performance of the ADRV9004 is measured for both wideband and narrow-band profiles.
WIDEBAND
Device configuration profile: receiver = 40 MHz bandwidth, I/Q rate = 61.44 MHz, transmitter = 40 MHz bandwidth, I/Q rate = 61.44 MHz, device
clock = 38.4 MHz, and an internal LO is used for all measurements. Measurements are at nominal power supply voltages. All RF specifications
are based on measurements that include PCB and matching circuit losses, unless otherwise noted. Specifications are applicable over the
lifetime of the device.
50 MHz LO
The temperature settings refer to the die temperature. All LO frequencies are set to 50 MHz, unless otherwise noted.
Figure 4. Receiver Absolute Gain (Complex) vs. Gain Index, Baseband
Frequency = 5.6 MHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 5. Receiver Absolute Gain (Complex) vs. LO Frequency, Baseband
Frequency = 5.6 MHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 6. Receiver Noise Figure vs. Gain Index, Baseband Frequency =
5.6 MHz, ADC = High Performance
Figure 7. Receiver Noise Figure vs. LO Frequency, Baseband Frequency =
5.6 MHz, ADC = High Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com