Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9004BBCZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADRV9004BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9004BBCZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADRV9004BBCZ Datasheet HTML 78Page - Analog Devices ADRV9004BBCZ Datasheet HTML 79Page - Analog Devices ADRV9004BBCZ Datasheet HTML 80Page - Analog Devices ADRV9004BBCZ Datasheet HTML 81Page - Analog Devices ADRV9004BBCZ Datasheet HTML 82Page - Analog Devices ADRV9004BBCZ Datasheet HTML 83Page - Analog Devices ADRV9004BBCZ Datasheet HTML 84Page - Analog Devices ADRV9004BBCZ Datasheet HTML 85Page - Analog Devices ADRV9004BBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Data Sheet
ADRV9004
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 82 of 92
PHASE NOISE
PLL bandwidth = 300 kHz. DEV_CLK = 38.4 MHz. Narrow-band or wideband profile with IQ mode. A high performance, low noise, Wenzel type
oscillator is used as a reference clock.
Figure 292. Internal Local Oscillator Phase Noise at 30 MHz LO
Figure 293. Internal Local Oscillator Phase Noise at 470 MHz LO
Figure 294. Internal Local Oscillator Phase Noise at 900 MHz LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com