Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9004BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADRV9004BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9004BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRV9004BBCZ Datasheet HTML 10Page - Analog Devices ADRV9004BBCZ Datasheet HTML 11Page - Analog Devices ADRV9004BBCZ Datasheet HTML 12Page - Analog Devices ADRV9004BBCZ Datasheet HTML 13Page - Analog Devices ADRV9004BBCZ Datasheet HTML 14Page - Analog Devices ADRV9004BBCZ Datasheet HTML 15Page - Analog Devices ADRV9004BBCZ Datasheet HTML 16Page - Analog Devices ADRV9004BBCZ Datasheet HTML 17Page - Analog Devices ADRV9004BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
Data Sheet
ADRV9004
SPECIFICATIONS
analog.com
Rev. 0 | 14 of 92
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL SPECIFICATIONS (DIGITAL
GPIO SIGNALS)
Logic Inputs
Input Voltage
High Level
VDIGIO_1P8 ×
0.65
VDIGIO_1P8 +
0.18
V
Low Level
−0.30
VDIGIO_1P8 ×
0.35
V
Logic Outputs
Output Voltage
High Level
VDIGIO_1P8 −
0.45
V
Low Level
0.45
V
Drive Capability
10
mA
DATAPORT SPECIFICATIONS (LVDS
SSI, MCS+ and MCS−)
Logic Inputs
Input Voltage Range
825
1675
mV
Each differential input in the pair
Input Differential Voltage
Threshold
−100
+100
mV
Receiver Differential Input
Impedance
100
Ω
Internal termination enabled
Logic Outputs
Output Voltage
High Level
1390
mV
Low Level
1000
mV
Differential
300
mV
Offset
1200
mV
17
mA
Drivers are shorted to ground, there is no internal termination
available, an off-chip 100 Ω termination is required
Output Current
4.1
mA
Drivers are shorted together
Clock Signal Duty Cycle
45
50
55
%
500 MHz
Output Rise and Fall Time
0.371
ns
300 mV p-p swing
DIGITAL SPECIFICATIONS (ANALOG
GPIO SIGNALS)
Logic Inputs
Input Voltage
High Level
VDDA_1P8 × 0.65
VDDA_1P8 + 0.18 V
Low Level
−0.30
VDDA_1P8 × 0.35 V
Logic Outputs
Output Voltage
High Level
VDDA_1P8 − 0.45
V
Low Level
0.45
V
Drive Capability
10
mA
1 VDDA_1P8 refers to all analog 1.8 V supplies including VCONV_1P8, VAGPIO_1P8, VANA2_1P8, and VANA1_1P8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com