Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9004BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADRV9004BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9004BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADRV9004BBCZ Datasheet HTML 35Page - Analog Devices ADRV9004BBCZ Datasheet HTML 36Page - Analog Devices ADRV9004BBCZ Datasheet HTML 37Page - Analog Devices ADRV9004BBCZ Datasheet HTML 38Page - Analog Devices ADRV9004BBCZ Datasheet HTML 39Page - Analog Devices ADRV9004BBCZ Datasheet HTML 40Page - Analog Devices ADRV9004BBCZ Datasheet HTML 41Page - Analog Devices ADRV9004BBCZ Datasheet HTML 42Page - Analog Devices ADRV9004BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Data Sheet
ADRV9004
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 39 of 92
Figure 76. Receiver Input IP3 vs. Baseband Frequency, ADC = High
Performance, F1 = Baseband Frequency, F2 = Baseband Frequency + 1 MHz,
Gain Index = 255
Figure 77. Receiver Input IP3 vs. Baseband Frequency, ADC = Low Power, F1
= Baseband Frequency, F2 = Baseband Frequency + 1 MHz, Gain Index = 255
Figure 78. Receiver Input IP2 vs. Baseband Frequency, ADC = High
Performance, F1 = Baseband Frequency, F2 = Baseband Frequency + 1 MHz,
Gain Index = 255
Figure 79. Receiver Input IP2 vs. Baseband Frequency, ADC = Low Power, F1
= Baseband Frequency, F2 = Baseband Frequency + 1 MHz, Gain Index = 255
Figure 80. Transmitter Absolute Power vs. Transmitter Attenuation Code,
Baseband Frequency = 18 MHz, Backoff = 0.2 dBFS
Figure 81. Transmitter Attenuation Delta (Error) vs. Transmitter Attenuation
Code, Baseband Frequency = 18 MHz, Backoff = 0.2 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com