Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1408 Datasheet(PDF) 7 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 3Page - Analog Devices ADGS1408 Datasheet HTML 4Page - Analog Devices ADGS1408 Datasheet HTML 5Page - Analog Devices ADGS1408 Datasheet HTML 6Page - Analog Devices ADGS1408 Datasheet HTML 7Page - Analog Devices ADGS1408 Datasheet HTML 8Page - Analog Devices ADGS1408 Datasheet HTML 9Page - Analog Devices ADGS1408 Datasheet HTML 10Page - Analog Devices ADGS1408 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 7 of 34
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
IL
Inactive
6.3
μA typ
Digital inputs = 0 V or VL
8.0
μA max
Inactive, SCLK = 1 MHz
14
μA typ
CSE = VL and SDI = 0 V or VL, VL =
5 V
7
μA typ
CSE = VL and SDI = 0 V or VL, VL =
3 V
SCLK = 50 MHz
390
μA typ
CSE = VL and SDI = 0 V or VL, VL =
5 V
210
μA typ
CSE = VL and SDI = 0 V or VL, VL =
3 V
Inactive, SDI = 1 MHz
15
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
7.5
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
SDI = 25 MHz
230
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
120
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
ISS
0.002
μA typ
Digital inputs = 0 V or VL
1.0
μA max
VDD/VSS
±4.5
V min
GND = 0 V
±16.5
V max
GND = 0 V
1 Guaranteed by design; not subject to production test.
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 2.7 V to 5.5 V, and GND = 0 V, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
6.7
Ω typ
VS = 0 V to 10 V, IS = −10 mA,
see Figure 32
8.7
10.2
11.7
Ω max
VDD = 10.8 V, VSS = 0 V
On-Resistance Match Between
Channels, ∆RON
0.2
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.82
0.85
1.1
Ω max
On-Resistance Flatness, RFLAT (ON)
1.5
Ω typ
VS = 0 V to 10 V, IS = −10 mA
2.5
2.5
2.8
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.04
nA typ
VS = 1 V/10 V, VD = 10 V/1 V,
see Figure 35
±0.2
±0.6
±5.0
nA max
Drain Off Leakage, ID (Off )
±0.04
nA typ
VS = 1 V/10 V, VD = 10 V/1 V,
see Figure 35
±0.45
±1.0
±37.0
nA max
Channel On Leakage, ID (On), IS (On)
±0.06
nA typ
VS = VD = 1 V/10 V, see Figure 31
±0.44
±1.3
±32.0
nA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com