Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1408 Datasheet(PDF) 28 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 24Page - Analog Devices ADGS1408 Datasheet HTML 25Page - Analog Devices ADGS1408 Datasheet HTML 26Page - Analog Devices ADGS1408 Datasheet HTML 27Page - Analog Devices ADGS1408 Datasheet HTML 28Page - Analog Devices ADGS1408 Datasheet HTML 29Page - Analog Devices ADGS1408 Datasheet HTML 30Page - Analog Devices ADGS1408 Datasheet HTML 31Page - Analog Devices ADGS1408 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 28 of 34
APPLICATIONS INFORMATION
DIGITAL INPUT BUFFERS
There are input buffers present on the digital input pins (CS,
SCLK, and SDI). These buffers are active at all times; as a result,
there is current drawn from the VL supply if SCLK or SDI are
toggling, regardless of whether CS is active. For typical values of
this current draw, refer to the Specifications section and Figure 30.
POWER SUPPLY RAILS
To guarantee correct operation of the ADGS1408/ADGS1409,
0.1 μF decoupling capacitors are required.
The ADGS1408/ADGS1409 can operate with bipolar supplies
between ±4.5 V and ±16.5 V. The supplies on VDD and VSS do
not need to be symmetrical; however, the VDD to VSS range must
not exceed 33 V. The ADGS1408/ADGS1409 can also operate
with single supplies between 5 V and 20 V with VSS connected
to GND.
The voltage range that can be supplied to VL is from 2.7 V to 5.5 V.
The device is fully specified at ±15 V, ±5 V, and +12 V analog
supply voltage ranges.
POWER SUPPLY RECOMMENDATIONS
Analog Devices has a wide range of power management products
to meet the requirements of most high performance signal chains.
An example of a bipolar power solution is shown in Figure 54.
The ADP5070 dual switching regulator generates a positive and
negative supply rail for the ADGS1408/ADGS1409, an amplifier,
and/or a precision converter in a typical signal chain. Also
shown in Figure 54 are two optional low dropout regulators
(LDOs), ADP7118 and ADP7182 (positive and negative LDOs,
respectively), that can be used to reduce the output ripple of
the ADP5070 in ultralow noise sensitive applications.
The ADM7160 can be used to generate the VL voltage required
to power digital circuitry within the ADGS1408/ADGS1409.
ADM7160
LDO
+3.3V
ADP7118
LDO
+15V
ADP7182
LDO
–15V
+16.5V
–16.5V
ADP5070
+5V
INPUT
.
Figure 54. Bipolar Power Solution
Table 11. Recommended Power Management Devices
Product
Description
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with
independent positive and negative outputs
ADM7160
5.5 V, 200 mA, ultralow noise, linear regulator
ADP7118
20 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7182
−28 V, −200 mA, low noise, LDO linear regulator
POWER SUPPLY SEQUENCING
Take care to ensure correct power supply sequencing. Incorrect
power supply sequencing can result in the device being subjected to
stresses beyond the maximum ratings listed in Table 7. Ensure
that the analog power supplies (VDD and VSS) and ground (GND)
are present before applying VL, the digital inputs, and the analog
inputs. Failure to adhere to this sequence may result in damage
to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com