Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17843ACB Datasheet(PDF) 61 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 61 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 57Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 58Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 59Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 60Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 61Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 62Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 63Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 64Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 65Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
READALL Command
The READALL command returns register data from the
specified register for all daisy-chain devices. The data
for the first device (connected to host) is returned last.
The command sequence is shown in Table 30. If the
received PEC byte does not match the calculated value,
the ALRTPEC bit of the data-check byte and ALRTPEC
bit of the STATUS register are set, but the command pro-
ceeds. A Manchester error immediately switches the data
propagation from read mode to write (pass-through) mode
ensuring that the Manchester error is propagated through
the daisy-chain and back to the host.
The fill-byte values transmitted by the MAX17841B
interface alternate between C2h and D3h as shown.
As the packet propagates through the device, the device
retransmits it in the order shown in the sequencing table
(device TXU column). The device knows which bytes to
overwrite since its ADDRESS register contains the first
device address and its own device address and therefore
knows where in the data stream it belongs.
Table 30. READALL Command Sequencing (z = Number of Devices)
*If alive-counter mode is enabled.
HOST TX
DEVICE (n) RXL
DEVICE (n) TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
03h
03h
03h
03h
[REG ADDR]
[REG ADDR]
[DATA ADDR]
[REG ADDR]
[DC] = 0x00
[DATA LSB(n-1)]
[DATA LSB(n)]
[DATA LSB(z)]
[PEC]
[DATA MSB(n-1)]
[DATA MSB(n)]
[DATA MSB(z)]
[ALIVE]*
…
…
[DATA LSB(z-1)]
[FD(1) C2h]
…
…
[DATA MSB(z-1)]
[FD(1) D3h]
[DATA LSB(1)]
[DATA LSB(1)]
…
[FD(2) C2h]
[DATA MSB(1)]
[DATA MSB(1)]
…
[FD(2) D3h]
[DC]
[DC]
…
…
[PEC]
[PEC]
…
…
[ALIVE]*
[ALIVE]*
…
…
[FD(1) C2h]
[FD(1) C2h]
…
…
[FD(1) D3h]
[FD(1) D3h]
[DATA LSB(1)]
…
…
…
[DATA MSB(1)]
…
…
…
[DC]
[FD(z) C2h]
[FD(z-n) C2h]
[FD(z-n-1) C2h]
[PEC]
[FD(z) D3h]
[FD(z-n) D3h]
[FD(z-n-1) D3h]
[ALIVE]*
Stop
Stop
Stop
Stop
12+(4 x z) characters
12+(4 x z) characters
12+(4 x z) characters
12+(4 x z) characters
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com